Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML61X442XX Datasheet(PDF) 11 Page - Minilogic Device Corporation Limited

Part # ML61X442XX
Description  Series Positive Voltage Detector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML61X442XX Datasheet(HTML) 11 Page - Minilogic Device Corporation Limited

Back Button ML61X442XX Datasheet HTML 6Page - Minilogic Device Corporation Limited ML61X442XX Datasheet HTML 7Page - Minilogic Device Corporation Limited ML61X442XX Datasheet HTML 8Page - Minilogic Device Corporation Limited ML61X442XX Datasheet HTML 9Page - Minilogic Device Corporation Limited ML61X442XX Datasheet HTML 10Page - Minilogic Device Corporation Limited ML61X442XX Datasheet HTML 11Page - Minilogic Device Corporation Limited ML61X442XX Datasheet HTML 12Page - Minilogic Device Corporation Limited ML61X442XX Datasheet HTML 13Page - Minilogic Device Corporation Limited ML61X442XX Datasheet HTML 14Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ML61
Tape and Reel Information
SOT-23 :
SIZE (mm)
A
∅ 178 ± 0.8
B
2
± 0.2
C
∅ 13 ± 0.2
D
∅ 21 ± 0.8
G
8
± 0.5
H
∅ 60
3,000 pcs / reel
SOT-23 Taping Specifications :
4
± 0.1
2
± 0.05
∅1.5
+ 0.1
- 0
∅ 1.1 ± 0.1
4
± 0.1
Direction of feed
“R” type
[Orientation of Device: Right]
Standard Type
Direction of feed
“L” type
[Orientation of Device: Left]
Reverse Type
P11/14


Similar Part No. - ML61X442XX

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML61X442XX MINILOGIC-ML61X442XX Datasheet
499Kb / 13P
   Positive Voltage Detector CMOS Low Power Consumption : Typical 1.0uA at Vin=2.0V
More results

Similar Description - ML61X442XX

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC61 FS-FC61 Datasheet
460Kb / 13P
   Positive Voltage Detector
logo
Minilogic Device Corpor...
ML6102 MINILOGIC-ML6102 Datasheet
389Kb / 11P
   Positive Voltage Detector (Inverted Output)
logo
List of Unclassifed Man...
ML6102 ETC1-ML6102 Datasheet
383Kb / 11P
   ML6102 Series Positive Voltage Detector (Inverted Output)
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP302 ONSEMI-NCP302_14 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com