Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTE1011P Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTE1011P
Description  Metal Can Infrarred Emitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTE1011P Datasheet(HTML) 1 Page - Marktech Corporate

  MTE1011P Datasheet HTML 1Page - Marktech Corporate MTE1011P Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Metal Can Infrarred Emitter
MTE1011P
Features
High Output Power
High Reliability
Narrow Beam Angle
Applications
Optical Switches
Bar Code Reader
Maximum Ratings (Ta=25
o
C)
Characteristic
Symbol
Max.
Test Condition Unit
Forward Current
IF
100
mA
Pulsed Forward
Current
IFP
2.00
tw=10
µ S,
T=10mS
A
Reverse Voltage
VR
5
V
Power Dissipation
PD
170.00
mW
Operating
Temperature
Topr
−20~+85
o
C
Storage Temperature
Tstg
−30
~+100
o
C
Junction Temperature
Tj
100
o
C
Soldering
Temperature
Tsol
260
for 5 sec. max
o
C
Opto−Electrical Characteristics (Ta=25
o
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=50mA
1.40
1.70
V
Reverse Current
IR
VR=5V
100
µA
Power Output
PO
IF=50mA
2.00
3.50
mW
Half Intensity Beam Angle
θ
± 4
o
deg.
Peak Wavelength
λp
IF=50mA
880
nm
Spectral Line Half Width
∆λ
IF=50mA
80
nm
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - MTE1011P

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE100 MARKTECH-MTE100 Datasheet
70Kb / 2P
   INFRARED LED
logo
Cystech Electonics Corp...
MTE100N10KRH8 CYSTEKEC-MTE100N10KRH8 Datasheet
630Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTE100N10KRH8-0-T6-G CYSTEKEC-MTE100N10KRH8-0-T6-G Datasheet
630Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTE100N10KRJ3 CYSTEKEC-MTE100N10KRJ3 Datasheet
402Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
MTE100N10KRJ3-0-T3-G CYSTEKEC-MTE100N10KRJ3-0-T3-G Datasheet
402Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTE1011P

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT5050W-UG MARKTECH-MT5050W-UG Datasheet
56Kb / 2P
   Metal Can Green Emitter
MT5260N-UG MARKTECH-MT5260N-UG Datasheet
54Kb / 2P
   Metal Can Green Emitter
MT5260W-UG MARKTECH-MT5260W-UG Datasheet
57Kb / 2P
   Metal Can Green Emitter
MTE8080N3 MARKTECH-MTE8080N3 Datasheet
60Kb / 2P
   Metal Can Infrared Emitter
MT3740N2-WT MARKTECH-MT3740N2-WT Datasheet
55Kb / 2P
   Metal Can White Emitter
MT5260N2-UG MARKTECH-MT5260N2-UG Datasheet
54Kb / 2P
   Metal Can Green Emitter
MTE8720W MARKTECH-MTE8720W Datasheet
97Kb / 2P
   Metal Can IR Emitter
MTE4094D MARKTECH-MTE4094D Datasheet
58Kb / 2P
   Metal Can IR Emitter
MTE5066UR MARKTECH-MTE5066UR Datasheet
105Kb / 2P
   Metal Can Red Emitter
MTE8080D MARKTECH-MTE8080D Datasheet
59Kb / 2P
   Metal Can IR Emitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com