Electronic Components Datasheet Search |
|
ALD2702APA Datasheet(PDF) 3 Page - Advanced Linear Devices |
|
ALD2702APA Datasheet(HTML) 3 Page - Advanced Linear Devices |
3 / 6 page ALD2704A/ALD2704B Advanced Linear Devices 3 ALD2704 Maximum Load CL 400 400 400 pF Gain = 1 Capacitance 4000 4000 4000 pF Gain = 5 Input Noise en 26 26 26 nV/ √Hz f =1KHz Voltage Input Current in 0.6 0.6 0.6 fA/ √Hz f =10Hz Noise Settling ts 5.0 5.0 5.0 µs 0.01% Time 2.0 2.0 2.0 µs 0.1% AV = 1 RL = 5KΩ CL= 50pF OPERATING ELECTRICAL CHARACTERISTICS (cont'd) TA = 25°C VS = ±5.0V unless otherwise specified 2704A 2704B 2704 Parameter Symbol Min Typ Max Min Typ Max Min Typ Max Unit Test Conditions Input Offset VOS 2.0 4.0 7.0 mV RS ≤ 100KΩ Voltage Input Offset IOS 8.0 8.0 8.0 nA Current Input Bias IB 10.0 10.0 10.0 nA Current Power Supply PSRR 60 75 60 75 60 75 dB RS ≤ 100KΩ Rejection Ratio Common Mode CMRR 60 83 60 83 60 83 dB RS ≤ 100KΩ Rejection Ratio Large Signal AV 10 25 10 25 10 25 V/mV RL = 10KΩ Voltage Gain Output Voltage VO low -4.9 -4.8 -4.9 -4.8 -4.9 -4.8 Range VO high 4.8 4.9 4.8 4.9 4.8 4.9 V RL = 10KΩ VS = ±5.0V -55°C ≤ TA ≤ +125°C unless otherwise specified 2704ADA 2704BDA 2704DA Parameter Symbol Min Typ Max Min Typ Max Min Typ Max Unit Test Conditions |
Similar Part No. - ALD2702APA |
|
Similar Description - ALD2702APA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |