Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2722EDB Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD2722EDB
Description  DUAL EPAD TM OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2722EDB Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD2722EDB Datasheet HTML 1Page - Advanced Linear Devices ALD2722EDB Datasheet HTML 2Page - Advanced Linear Devices ALD2722EDB Datasheet HTML 3Page - Advanced Linear Devices ALD2722EDB Datasheet HTML 4Page - Advanced Linear Devices ALD2722EDB Datasheet HTML 5Page - Advanced Linear Devices ALD2722EDB Datasheet HTML 6Page - Advanced Linear Devices ALD2722EDB Datasheet HTML 7Page - Advanced Linear Devices ALD2722EDB Datasheet HTML 8Page - Advanced Linear Devices ALD2722EDB Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DUAL EPAD™ OPERATIONAL AMPLIFIER
ADVANCED
LINEAR
DEVICES, INC.
ALD2722E/ALD2722
GENERAL DESCRIPTION
The ALD2722E/ALD2722 is a dual monolithic rail-to-rail precision CMOS
operational amplifier with integrated user programmable EPAD (Electri-
cally Programmable Analog Device) based offset voltage adjustment. The
ALD2722E/ALD2722 is a dual version of the ALD1722E/ALD1722 opera-
tional amplifier. Each ALD2722E/ALD2722 operational amplifier features
individual, user-programmable offset voltage trimming resulting in signifi-
cantly enhanced total system performance and user flexibility.
EPAD
technology is an exclusive ALD design which has been refined for analog
applications where precision voltage trimming is necessary to achieve a
desired performance. It utilizes CMOS FETs as in-circuit elements for
trimming of offset voltage bias characteristics with the aid of a personal
computer under software control. Once programmed, the set parameters
are stored indefinitely. EPAD offers the circuit designer a convenient and
cost-effective trimming solution for achieving the very highest amplifier/
system performance.
The ALD2722E/ALD2722 dual operational amplifier features rail-to-rail
input and output voltage ranges, tolerance to overvoltage input spikes of
300mV beyond supply rails, high capacitive loading up to 4000pF, ex-
tremely low input currents of 0.01pA typical, high open loop voltage gain,
useful bandwidth of 1.5MHz, slew rate of 1.9V/
µs, and low typical supply
current of 2mA for both amplifiers.
KEY FEATURES
5V single supply operation
EPAD ( Electrically Programmable Analog Device)
User programmable VOS trimmer
Computer-assisted trimming
Rail-to-rail input/output
Compatible with standard EPAD Programmer
• Each amplifier VOS can be trimmed to a different Vos level
High precision through in-system circuit trimming
Reduces or eliminates VOS, PSRR, CMRR and TCVOS errors
System level “calibration” capability
Application Specific Programming mode
In-System Programming mode
Electrically programmable to compensate for
external component tolerances
Achieves 0.01pA input bias current and 25
µV
input offset voltage
APPLICATIONS
• Sensor interface circuits
• Transducer biasing circuits
• Capacitive and charge integration circuits
• Biochemical probe interface
• Signal conditioning
• Portable instruments
• High source impedance electrode
amplifiers
• Precision Sample and Hold amplifiers
• Precision current to voltage converter
• Error correction circuits
• Sensor compensation circuits
• Precision gain amplifiers
• Periodic In-system calibration
• System output level shifter
PIN CONFIGURATION
ORDERING INFORMATION
Operating Temperature Range
-55
°C to +125°C0°C to +70°C0°C to +70°C
14-Pin
14-Pin
14-Pin
CERDIP
Small Outline
Plastic Dip
Package
Package (SOIC)
Package
ALD2722E DB
ALD2722E SB
ALD2722E PB
ALD2722 DB
ALD2722 SB
ALD2722 PB
* Contact factory for industrial temperature range
BENEFITS
Eliminates manual and elaborate
system trimming procedures
Remote controlled automated trimming
In-System Programming capability
No external components
No internal clocking noise source
Simple and cost effective
Small package size
Extremely small total functional
volume size
Low system implementation cost
Micropower
1
2
3
4
5
6
7
11
12
13
14
8
9
10
TOP VIEW
DB, PB, SB PACKAGE
VE 2A
VE 1A
V-
N/C
VE 2B
VE 1B
OUT B
OUT A
+IN A
-IN A
+IN B
-IN B
N/C
V+
© 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com


Similar Part No. - ALD2722EDB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2722EDB ALD-ALD2722EDB Datasheet
110Kb / 13P
   DUAL EPAD짰 LOW POWER CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - ALD2722EDB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2721 ALD-ALD2721 Datasheet
58Kb / 10P
   DUAL EPAD TM MICROPOWER OPERATIONAL AMPLIFIER
ALD2726 ALD-ALD2726 Datasheet
58Kb / 10P
   DUAL EPAD TM ULTRA MICROPOWER OPERATIONAL AMPLIFIER
ALD1722E ALD-ALD1722E Datasheet
64Kb / 10P
   EPAD??OPERATIONAL AMPLIFIER
ALD1721E ALD-ALD1721E Datasheet
66Kb / 10P
   EPAD??MICROPOWER OPERATIONAL AMPLIFIER
ALD1726E ALD-ALD1726E Datasheet
65Kb / 10P
   EPAD??ULTRA MICROPOWER OPERATIONAL AMPLIFIER
ALD2724E ALD-ALD2724E Datasheet
58Kb / 10P
   DUAL EPAD PRECISION HIGH SLEW RATE CMOS OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com