Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1721E Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD1721E
Description  DUAL EPAD TM MICROPOWER OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1721E Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD1721E Datasheet HTML 1Page - Advanced Linear Devices ALD1721E Datasheet HTML 2Page - Advanced Linear Devices ALD1721E Datasheet HTML 3Page - Advanced Linear Devices ALD1721E Datasheet HTML 4Page - Advanced Linear Devices ALD1721E Datasheet HTML 5Page - Advanced Linear Devices ALD1721E Datasheet HTML 6Page - Advanced Linear Devices ALD1721E Datasheet HTML 7Page - Advanced Linear Devices ALD1721E Datasheet HTML 8Page - Advanced Linear Devices ALD1721E Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DUAL EPAD™ MICROPOWER OPERATIONAL AMPLIFIER
ADVANCED
LINEAR
DEVICES, INC.
ALD2721E/ALD2721
GENERAL DESCRIPTION
The ALD2721E/ALD2721 is a dual monolithic rail-to-rail precision CMOS
operational amplifier with integrated user programmable EPAD (Electri-
cally Programmable Analog Device) based offset voltage adjustment. The
ALD2721E/ALD2721 is a dual version of the ALD1721E/ALD1721 opera-
tional amplifier. Each ALD2721E/ALD2721 operational amplifier features
individual, user-programmable offset voltage trimming resulting in signifi-
cantly enhanced total system performance and user flexibility.
EPAD
technology is an exclusive ALD design which has been refined for analog
applications where precision voltage trimming is necessary to achieve a
desired performance. It utilizes CMOS FETs as in-circuit elements for
trimming of offset voltage bias characteristics with the aid of a personal
computer under software control. Once programmed, the set parameters
are stored indefinitely. EPAD offers the circuit designer a convenient and
cost-effective trimming solution for achieving the very highest amplifier/
system performance.
The ALD2721E/ALD2721 dual operational amplifier features rail-to-rail
input and output voltage ranges, tolerance to overvoltage input spikes of
300mV beyond supply rails, capacitive loading up to 50pF, extremely low
input currents of 0.01pA typical, high open loop voltage gain, useful
bandwidth of 700KHz, slew rate of 0.7V/
µs, and low typical supply current
of 200
µA for both amplifiers.
KEY FEATURES
EPAD ( Electrically Programmable Analog Device)
User programmable VOS trimmer
Computer-assisted trimming
Rail-to-rail input/output
Compatible with standard EPAD Programmer
• Each amplifier VOS can be trimmed to a different Vos level
High precision through in-system circuit trimming
Reduces or eliminates VOS, PSRR, CMRR and TCVOS errors
System level “calibration” capability
Application Specific Programming mode
In-System Programming mode
Electrically programmable to compensate for
external component tolerances
Achieves 0.01pA input bias current and 35
µV
input offset voltage with micropower
Low voltage operation
APPLICATIONS
• Sensor interface circuits
• Transducer biasing circuits
• Capacitive and charge integration circuits
• Biochemical probe interface
• Signal conditioning
• Portable instruments
• High source impedance electrode
amplifiers
• Precision Sample and Hold amplifiers
• Precision current to voltage converter
• Error correction circuits
• Sensor compensation circuits
• Precision gain amplifiers
• Periodic In-system calibration
• System output level shifter
PIN CONFIGURATION
ORDERING INFORMATION
Operating Temperature Range
-55
°C to +125°C0°C to +70°C0°C to +70°C
14-Pin
14-Pin
14-Pin
CERDIP
Small Outline
Plastic Dip
Package
Package (SOIC)
Package
ALD2721E DB
ALD2721E SB
ALD2721E PB
ALD2721 DB
ALD2721 SB
ALD2721 PB
* Contact factory for industrial temperature range
BENEFITS
Eliminates manual and elaborate
system trimming procedures
Remote controlled automated trimming
In-System Programming capability
No external components
No internal clocking noise source
Simple and cost effective
Small package size
Extremely small total functional
volume size
Low system implementation cost
Micropower
1
2
3
4
5
6
7
11
12
13
14
8
9
10
TOP VIEW
DB, PB, SB PACKAGE
VE 2A
VE 1A
V-
N/C
VE 2B
VE 1B
OUT B
OUT A
+IN A
-IN A
+IN B
-IN B
N/C
V+
© 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com


Similar Part No. - ALD1721E

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1721E ALD-ALD1721E Datasheet
66Kb / 10P
   EPAD??MICROPOWER OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1721E ADL-ALD1721E Datasheet
108Kb / 13P
   EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Advanced Linear Devices
ALD1721EDA ALD-ALD1721EDA Datasheet
66Kb / 10P
   EPAD??MICROPOWER OPERATIONAL AMPLIFIER
ALD1721EDA ALD-ALD1721EDA Datasheet
108Kb / 13P
   EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1721EDA ADL-ALD1721EDA Datasheet
108Kb / 13P
   EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
More results

Similar Description - ALD1721E

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2726 ALD-ALD2726 Datasheet
58Kb / 10P
   DUAL EPAD TM ULTRA MICROPOWER OPERATIONAL AMPLIFIER
ALD2722 ALD-ALD2722 Datasheet
58Kb / 10P
   DUAL EPAD TM OPERATIONAL AMPLIFIER
ALD1721E ALD-ALD1721E Datasheet
66Kb / 10P
   EPAD??MICROPOWER OPERATIONAL AMPLIFIER
ALD1726E ALD-ALD1726E Datasheet
65Kb / 10P
   EPAD??ULTRA MICROPOWER OPERATIONAL AMPLIFIER
ALD1722E ALD-ALD1722E Datasheet
64Kb / 10P
   EPAD??OPERATIONAL AMPLIFIER
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220 AD-OP220_02 Datasheet
368Kb / 12P
   Dual Micropower Operational Amplifier
REV. A
OP-220 AD-OP-220 Datasheet
434Kb / 8P
   DUAL MICROPOWER OPERATIONAL AMPLIFIER
OP220 AD-OP220_15 Datasheet
1Mb / 12P
   Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com