Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTE2050S-OH1 Datasheet(PDF) 2 Page - Marktech Corporate

Part # MTE2050S-OH1
Description  MTE2050S−OH1
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTE2050S-OH1 Datasheet(HTML) 2 Page - Marktech Corporate

  MTE2050S-OH1 Datasheet HTML 1Page - Marktech Corporate MTE2050S-OH1 Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5mm Infrared Emitter
MTE2050S−OH1 Graphs
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - MTE2050S-OH1

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE2050 MARKTECH-MTE2050 Datasheet
66Kb / 2P
   INFRARED LED?
MTE2050-OH1 MARKTECH-MTE2050-OH1 Datasheet
56Kb / 2P
   5mm Water Clear IR Emitter
MTE2050-OH1 MARKTECH-MTE2050-OH1 Datasheet
128Kb / 2P
   Infrared Emitting Diode
MTE2050-OH1S MARKTECH-MTE2050-OH1S Datasheet
71Kb / 1P
   Infrared Emitting Diode
MTE2050-OH1T MARKTECH-MTE2050-OH1T Datasheet
57Kb / 2P
   5mm Infrared Emitter
More results

Similar Description - MTE2050S-OH1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
   8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
logo
List of Unclassifed Man...
DILM7 ETC2-DILM7 Datasheet
140Kb / 2P
   RC−suppressor
logo
Toshiba Semiconductor
TD62930P TOSHIBA-TD62930P_06 Datasheet
343Kb / 12P
   THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
logo
Texas Instruments
DRV593 TI-DRV593 Datasheet
185Kb / 22P
[Old version datasheet]   3−A HIGH−EFFICIENCY PWM POWER DRIVER
logo
Toshiba Semiconductor
TD62930PG TOSHIBA-TD62930PG Datasheet
345Kb / 12P
   THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
TLP722 TOSHIBA-TLP722_07 Datasheet
175Kb / 3P
   Photo−Diode
TB62709N TOSHIBA-TB62709N_06 Datasheet
573Kb / 28P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709NG TOSHIBA-TB62709NG_06 Datasheet
572Kb / 29P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
logo
EPCOS
B84111F0000B030 EPCOS-B84111F0000B030 Datasheet
292Kb / 14P
   2−line filters SIFI−F for normal insertion loss
logo
Toshiba Semiconductor
TB62709NG TOSHIBA-TB62709NG Datasheet
1Mb / 26P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com