Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTE7415 Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTE7415
Description  5mm Red Visible Emitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTE7415 Datasheet(HTML) 1 Page - Marktech Corporate

  MTE7415 Datasheet HTML 1Page - Marktech Corporate MTE7415 Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5mm Red Visible Emitter
MTE7415
Features
High Output Power
Narrow Beam Angle
High Reliability
Applications
Optical Switches
Optical Sensors
Medical Applications
Maximum Ratings (Ta=25
o
C)
Characteristic
Symbol
Max.
Test Condition Unit
Forward Current
IF
50
mA
Pulsed Forward
Current
IFP
.50
tw=10
µ S,
T=10mS
A
Reverse Voltage
VR
5
V
Power Dissipation
PD
120.00
mW
Operating
Temperature
Topr
−20 ~ +80
o
C
Storage Temperature
Tstg
−30 ~ +100
o
C
Junction Temperature
Tj
100
o
C
Soldering
Temperature
Tsol
260
for 3 sec. max
o
C
Opto−Electrical Characteristics (Ta=25
o
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=20mA
1.80
2.30
V
Reverse Current
IR
VR=5V
100
µ A
Power Output
PO
IF=20mA
4.00
mW
Half Intensity Beam Angle
θ
± 7
o
deg.
Peak Wavelength
λp
IF=20mA
740
nm
Spectral Line Half Width
∆λ
IF=20mA
30
nm
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - MTE7415

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE7410 MARKTECH-MTE7410 Datasheet
152Kb / 2P
   5mm Red Visible Emitter
MTE7410 MARKTECH-MTE7410 Datasheet
184Kb / 1P
   Visible Light Emitting Diode
MTE7410 MARKTECH-MTE7410_2 Datasheet
184Kb / 1P
   Visible Light Emitting Diode
More results

Similar Description - MTE7415

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE7410 MARKTECH-MTE7410 Datasheet
152Kb / 2P
   5mm Red Visible Emitter
MT8060N2 MARKTECH-MT8060N2 Datasheet
71Kb / 2P
   Red Visible Emitter
MTE7710 MARKTECH-MTE7710 Datasheet
57Kb / 2P
   Red Visible Emitter
MTE7710N MARKTECH-MTE7710N Datasheet
55Kb / 2P
   Red Visible Emitter
MTE5063C5-UR MARKTECH-MTE5063C5-UR Datasheet
617Kb / 3P
   Visible Red Emitter
MTE7000N2 MARKTECH-MTE7000N2 Datasheet
560Kb / 4P
   Visible Red Emitter
MTE5066C MARKTECH-MTE5066C_15 Datasheet
582Kb / 4P
   Visible Red Emitter
MTE5066CJ MARKTECH-MTE5066CJ_15 Datasheet
554Kb / 4P
   Visible Red Emitter
MTE2077N1-R MARKTECH-MTE2077N1-R_15 Datasheet
629Kb / 3P
   Visible Red Emitter
MTE5066S1J MARKTECH-MTE5066S1J_15 Datasheet
652Kb / 4P
   Visible Red Emitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com