Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63013 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M63013
Description  SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63013 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M63013 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
M63013FP
SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
(
/
17)
Preliminary
MITSUBISHI SEMICONDUCTORS
REV990607
[THERMAL DERATING]
Ambient Temperature
Ta (ºC)
0
25
50
75
100
125
150
1.0
2.0
3.0
4.0
5.0
6.0
(W)
3.6W
using N-type board
2.6W
using P-type board
This IC's package is POWER-SSOP,
so improving the board on which the IC
is mounted enables a large power
dissipation without a heat sink.
For example, using an 1 layer glass
epoxy resin board, the IC's power
dissipation is 2.6W at least. And it
comes to 3.6W by using an improved 2
layer board.
The information of the N, P type board
is shown in attached.
4
Icc1
Icc2
mA
Fosc
KHz
5VCC,VM1, VM23, VM4 current
µA
110
5VCC,VM1, VM23, VM4 current under Sleep
SYMBOL
PARAMETER
Supply current
CONDITIONS
LIMITS
MIN
TYP
MAX
Unit
PWM carrier frequency
Sleep current
(MU1 = MU2 =0V)
[ELECTRICAL CHARACTERISTICS]
60
30
Common
OSC : with 180pF
VinREF
V
3.3
REF input voltage range
VMULO
V
0.8
MUTE terminal low voltage
MU1,MU2
VMUHI
V
IMU
µA
500
Mute terminal input current
at 5V input voltage
1.0
3.0
IinREF
µA
REF input voltage range
VREF=1.65V
+10
-10
(Ta=25ºC, 5VCC=VM4=5V,VM1=VM23=12V unless otherwise noted.)
VinOP
V
5
OPamp input voltage range
0
IinOP
OPamp input current
OPIN-=1.65V
µA
0
-1.0
-0.15
VofOP
OPamp input offset voltage
REF=1.65V(OPIN-=OPOUT ;buffer)
+10
-10
mV
VoutOP
V
4.5
OPamp output voltage range
0.5
Io=-2.0 to +2.0mA
OPIN-
78
MUTE terminal high voltage
MU1,MU2
MU1,MU2


Similar Part No. - M63013

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M63013FP RENESAS-M63013FP Datasheet
6Mb / 18P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
More results

Similar Description - M63013

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M63015FP RENESAS-M63015FP Datasheet
7Mb / 20P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
M63013FP RENESAS-M63013FP Datasheet
6Mb / 18P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
logo
Mitsubishi Electric Sem...
M63015FP MITSUBISHI-M63015FP Datasheet
196Kb / 15P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
M63010FP MITSUBISHI-M63010FP Datasheet
133Kb / 16P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
logo
Renesas Technology Corp
M63010FP RENESAS-M63010FP Datasheet
6Mb / 17P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
M63016FP RENESAS-M63016FP Datasheet
4Mb / 21P
   Spindle Motor AND 4CH ACTUATOR Drive IC
logo
Mitsubishi Electric Sem...
M63016FP MITSUBISHI-M63016FP Datasheet
577Kb / 20P
   Spindle Motor AND 4CH ACTUATOR Drive IC
logo
Renesas Technology Corp
M63021FP RENESAS-M63021FP Datasheet
6Mb / 18P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
logo
Mitsubishi Electric Sem...
M63021FP MITSUBISHI-M63021FP Datasheet
141Kb / 17P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
logo
Renesas Technology Corp
M63028 RENESAS-M63028 Datasheet
510Kb / 22P
   Spindle Motor and 5ch Actuator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com