Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5300 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # C5300
Description  VCXO 9X14 J Leaded Surface Mount Package Reflow Process Compatible Optional ACMOS, TTL and LVPECL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C5300 Datasheet(HTML) 3 Page - Vectron International, Inc

  C5300 Datasheet HTML 1Page - Vectron International, Inc C5300 Datasheet HTML 2Page - Vectron International, Inc C5300 Datasheet HTML 3Page - Vectron International, Inc C5300 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
C5300
VCXO
Vectron International,
LLC
100 Watts Street
Mount Holly Springs PA
17065
t 717 486 3411
f 717 486 5920
www.vectron.co
m
Absolute Maximum Ratings
Parameter
Min
Typ
Max.
Units
Condition
Supply voltage (Vs)
7.0
V
Vs=5.0VDC
7.0
V
Vs=3.3VDC
Operable temperature range
-55
+85
°C
Storage temperature range
-55
+125
°C
Enclosures
Type A - ACMOS/TTL
Type B - ACMOS/TTL
Package Codes:
Code
Height H
Pin Length L
Code
Height H
Pin Length L
A1
.368 max
1.09
B1
.368 max
1.09
E2 = Enable/Disable
pin 2
X = N/C pin 2
Pin Connections
Pin Connections
1
Control Voltage
1
Control Voltage
2
Ground (Case)
2
Enable/Disable or N/C
3
RF Output
3
Ground (Case)
4
Supply Voltage
4
RF Output
5
N/C
6
Supply Voltage
Type C - PECL/LVPECL


Similar Part No. - C5300

ManufacturerPart #DatasheetDescription
logo
Powerbox
C530 POWERBOX-C530 Datasheet
405Kb / 1P
   250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Sanyo Semicon Device
C5302 SANYO-C5302 Datasheet
85Kb / 3P
   Ultrahigh-Definition Color Display Horizontal Deflection Output Applications??????????
logo
Fairchild Semiconductor
C5305D FAIRCHILD-C5305D Datasheet
102Kb / 6P
   High Voltage High Speed Power Switch Application
More results

Similar Description - C5300

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C1300 VECTRON-C1300 Datasheet
101Kb / 4P
   PXO 9X14 J Leaded Surface Mount Package Reflow Process Compatible ACMOS, TTL, LVPECL and LVDS
C5250 VECTRON-C5250 Datasheet
89Kb / 4P
   VCXO 5X7 Surface Mount Package Reflow Process Compatible Optional ACMOS, TTL and LVPECL
C1250 VECTRON-C1250 Datasheet
122Kb / 4P
   PXO 5X7 Surface Mount Package Reflow Process Compatible ACMOS, TTL, LVPECL and LVDS
C5310 VECTRON-C5310 Datasheet
203Kb / 5P
   VCXO Surface Mount Package Reflow Process Compatible AT-Cut Crystal
logo
Connor-Winfield Corpora...
VSA31012 CONNOR-WINFIELD-VSA31012 Datasheet
64Kb / 1P
   SURFACE MOUNT ACMOS VCXO
logo
Vectron International, ...
C5260 VECTRON-C5260 Datasheet
202Kb / 5P
   VCXO Surface Mount FR4 based Package Reflow Process Compatible AT-Cut Crystal Low Phasenoise
logo
Connor-Winfield Corpora...
VSA51012 CONNOR-WINFIELD-VSA51012 Datasheet
114Kb / 2P
   ACMOS VCXO SURFACE MOUNT OSCILLATORS
VSA61012 CONNOR-WINFIELD-VSA61012 Datasheet
111Kb / 2P
   ACMOS VCXO SURFACE MOUNT OSCILLATORS
logo
Vectron International, ...
C4550 VECTRON-C4550 Datasheet
410Kb / 4P
   OCXO Surface Mount Package Optional Reflow Process Compatible Optional AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
logo
Crystek Corporation
CVPD-940 CRYSTEKCRYSTAL-CVPD-940 Datasheet
121Kb / 2P
   Differential LVPECL VCXO 9X14 mm SMD, 3.3V, LVPECL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com