Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4563AVF Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK4563AVF
Description  Low Power 16bit 4ch ADC & 2ch DAC with ALC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4563AVF Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK4563AVF Datasheet HTML 3Page - Asahi Kasei Microsystems AK4563AVF Datasheet HTML 4Page - Asahi Kasei Microsystems AK4563AVF Datasheet HTML 5Page - Asahi Kasei Microsystems AK4563AVF Datasheet HTML 6Page - Asahi Kasei Microsystems AK4563AVF Datasheet HTML 7Page - Asahi Kasei Microsystems AK4563AVF Datasheet HTML 8Page - Asahi Kasei Microsystems AK4563AVF Datasheet HTML 9Page - Asahi Kasei Microsystems AK4563AVF Datasheet HTML 10Page - Asahi Kasei Microsystems AK4563AVF Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
ASAHI KASEI
[AK4563A]
MS0067-E-02
2004/12
- 7 -
FILTER CHARCTERISTICS
(Ta=25
°C; VA, VD=2.3 ∼ 3.0V; VT=1.5∼ 3.0V; fs=48kHz; De-emphasis = OFF)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (Decimation LPF):
Passband (Note 10)
±0.1dB
-1.0dB
-3.0dB
PB
0
-
-
21.8
23.0
18.9
-
-
kHz
kHz
kHz
Stopband (Note 10)
SB
29.4
kHz
Passband Ripple
PR
±0.1
dB
Stopband Attenuation
SA
65
dB
Group Delay (Note 11)
GD
-
17.0
-
1/fs
Group Delay Distortion
∆GD
0
µs
ADC Digital Filter (HPF):
Frequency Response (Note 10)
-3.0dB
-0.56dB
-0.15dB
FR
-
-
-
3.7
10
20
-
-
-
Hz
Hz
Hz
DAC Digital Filter:
Passband (Note 10)
±0.1dB
-6.0dB
PB
0
-
24.0
21.7
-
kHz
kHz
Stopband (Note 10)
SB
26.2
kHz
Passband Ripple
PR
±0.06
dB
Stopband Attenuation
SA
43
dB
Group Delay (Note 11)
GD
-
14.8
-
1/fs
Group Delay Distortion
∆GD
0
µs
DAC Digital Filter + Analog Filter:
Frequency Response: 0
∼ 20.0kHz
FR
±0.5
dB
Note 10. The passband and stopband frequencies scale with fs. For example, ADC: PB=0.454 x fs(@-1.0dB), DAC:
PB=0.454 x fs(@-0.1dB).
Note 11. The calculating delay time which occurred by digital filtering. The time is from the input of analog signal to
setting the 16bit data of both channels to the output register for ADC.
For DAC, this time is from setting the 16bit data of both channels on input register to the output of analog signal.
DC CHARACTERISTICS
(Ta=25
°C; VA, VD=2.3 ∼ 3.0V, VT=1.5 ∼ 3.0V)
Parameter
Symbol
min
typ
max
Units
Input High Level Voltage
Input Low Level Voltage
VIH
VIL
80
%VT
-
-
-
-
20
%VT
V
V
Output High Level Voltage: Iout=-400
µA
Output Low Level Voltage: Iout=400
µA
VOH
VOL
VT-0.4
-
-
-
-
0.4
V
V
Input Leakage Current
Iin
-
-
±10
µA


Similar Part No. - AK4563AVF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4560A AKM-AK4560A Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AK4560AVQ AKM-AK4560AVQ Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AK4561 AKM-AK4561 Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AK4561VQ AKM-AK4561VQ Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AK4562 AKM-AK4562 Datasheet
167Kb / 29P
   LOW POWER 20BIT CODEC WITH PGA
More results

Similar Description - AK4563AVF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4691 AKM-AK4691 Datasheet
1,017Kb / 80P
   4ch ADC 2ch DAC with MIC/HP/SPK-AMP
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7722 AKM-AK7722 Datasheet
457Kb / 28P
   24bit 4ch ADC 24bit 4ch DAC with Audio DSP
AK5355 AKM-AK5355 Datasheet
120Kb / 14P
   LOW POWER 16BIT ADC
AKD4563A AKM-AKD4563A_06 Datasheet
555Kb / 32P
   16bit 4ch A/D and 2ch D/A converter,
AK4516A AKM-AK4516A Datasheet
355Kb / 39P
   3V 16BIT ADC&DAC WITH BUILT-IN PGA
AK4591 AKM-AK4591 Datasheet
257Kb / 40P
   24bit 4ch ADC 24bit 6ch DAC
AK5355 AKM-AK5355_05 Datasheet
161Kb / 20P
   Low Power 16bit ?誇 ADC
AK5355VT AKM-AK5355VT Datasheet
167Kb / 20P
   Low Power 16bit ?誇 ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com