Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4563AVF Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK4563AVF
Description  Low Power 16bit 4ch ADC & 2ch DAC with ALC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4563AVF Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK4563AVF Datasheet HTML 4Page - Asahi Kasei Microsystems AK4563AVF Datasheet HTML 5Page - Asahi Kasei Microsystems AK4563AVF Datasheet HTML 6Page - Asahi Kasei Microsystems AK4563AVF Datasheet HTML 7Page - Asahi Kasei Microsystems AK4563AVF Datasheet HTML 8Page - Asahi Kasei Microsystems AK4563AVF Datasheet HTML 9Page - Asahi Kasei Microsystems AK4563AVF Datasheet HTML 10Page - Asahi Kasei Microsystems AK4563AVF Datasheet HTML 11Page - Asahi Kasei Microsystems AK4563AVF Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
ASAHI KASEI
[AK4563A]
MS0067-E-02
2004/12
- 8 -
SWITCHING CHARASTERISTICS
(Ta=25
°C; VA, VD=2.3 ∼ 3.0V, VT=1.5 ∼ 3.0V; C
L=20pF)
Parameter
Symbol
min
typ
max
Units
Control Clock Frequency
Master Clock(MCLK) 256fs: Frequency
Pulse Width Low
Pulse Width High
384fs: Frequency
Pulse Width Low
Pulse Width High
Channel Selection Clock (LRCK) frequency
Duty
fCLK
tCLKL
tCLKH
fCLK
tCLKL
tCLKH
fs
2.048
28
28
3.072
23
23
8
45
12.288
18.432
48
50
12.8
19.2
50
55
MHz
ns
ns
MHz
ns
ns
kHz
%
Audio Interface Timing
BCLK Period
BCLK Pulse Width Low
Pulse Width High
BCLK “
↓” to LRCK
LRCK to SDTO(MSB) (Except IIS mode)
BCLK “
↓” to SDTO
SDTI Hold Time
SDTI Setup Time
tBLK
tBLKL
tBLKH
tBLR
tDLR
tDSS
tSDH
tSDS
312.5
130
130
-tBLKH+50
50
50
tBLKL-50
80
80
ns
ns
ns
ns
ns
ns
ns
ns
Control Interface Timing
CCLK Period
CCLK Pulse Width Low
Pulse Width High 1
Pulse Width High 2
CDTI Setup Time
CDTI Hold Time
CSN “H” Time
CSN “
↓” to CCLK “↑”
CCLK “
↑” to CSN “↑”
CDTO Output Delay Time
CSN “
↑” to CDTO(Hi-Z)(Note 13)
tCCK
tCCKL
tCCKH
tCKH2
tCDS
tCDH
tCSW
tCSS
tCSH
tDCD
tCCZ
200(Note 12)
80
80
80
50
50
150(Note 12)
50(Note 12)
50
70
70
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Reset/Calibration Timing
PDN Pulse Width
PDN “
↑” to SDTO0/SDTO1 valid
tPDW
tPDV
150
4128
ns
1/fs
Note 12. fs
≥ 22.4kHz.
In the case of fs < 22.4kHz, these three parameters must meet a relationship of
(tCSW + tCSS + 6
× tCCK) > 1/(32 × fs) in addition to these specifications. For example, when tCCK=200ns
and tCSS=50ns at fs=8kHz, tCSW(min) is 2657ns. When tCSW=150ns and tCSS=50ns fs=8kHz, tCCK(min) is
618ns.
When 08H or 09H address is read and fs < 39.1kHz, tCCK must meet a relationship tCCK > 1/(128
× fs) in
addition to these specifications. For example, when fs=8kHz, tCCK(min) is 977ns.
Note 13. RL=1kΩ/10% Change (Pulled-up operates for VT.)


Similar Part No. - AK4563AVF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4560A AKM-AK4560A Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AK4560AVQ AKM-AK4560AVQ Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AK4561 AKM-AK4561 Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AK4561VQ AKM-AK4561VQ Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AK4562 AKM-AK4562 Datasheet
167Kb / 29P
   LOW POWER 20BIT CODEC WITH PGA
More results

Similar Description - AK4563AVF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4691 AKM-AK4691 Datasheet
1,017Kb / 80P
   4ch ADC 2ch DAC with MIC/HP/SPK-AMP
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7722 AKM-AK7722 Datasheet
457Kb / 28P
   24bit 4ch ADC 24bit 4ch DAC with Audio DSP
AK5355 AKM-AK5355 Datasheet
120Kb / 14P
   LOW POWER 16BIT ADC
AKD4563A AKM-AKD4563A_06 Datasheet
555Kb / 32P
   16bit 4ch A/D and 2ch D/A converter,
AK4516A AKM-AK4516A Datasheet
355Kb / 39P
   3V 16BIT ADC&DAC WITH BUILT-IN PGA
AK4591 AKM-AK4591 Datasheet
257Kb / 40P
   24bit 4ch ADC 24bit 6ch DAC
AK5355 AKM-AK5355_05 Datasheet
161Kb / 20P
   Low Power 16bit ?誇 ADC
AK5355VT AKM-AK5355VT Datasheet
167Kb / 20P
   Low Power 16bit ?誇 ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com