Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX-385-DHD-ST3-A-10.000 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # EX-385-DHD-ST3-A-10.000
Description  4 Pin DIP & SMD Evacuated Miniature Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

EX-385-DHD-ST3-A-10.000 Datasheet(HTML) 4 Page - Vectron International, Inc

  EX-385-DHD-ST3-A-10.000 Datasheet HTML 1Page - Vectron International, Inc EX-385-DHD-ST3-A-10.000 Datasheet HTML 2Page - Vectron International, Inc EX-385-DHD-ST3-A-10.000 Datasheet HTML 3Page - Vectron International, Inc EX-385-DHD-ST3-A-10.000 Datasheet HTML 4Page - Vectron International, Inc EX-385-DHD-ST3-A-10.000 Datasheet HTML 5Page - Vectron International, Inc EX-385-DHD-ST3-A-10.000 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
EX-380 Evacuated Miniature Oven Controlled Crystal Oscillator
Vectron International •
267 Lowell Road, Hudson, NH 03051
• Tel: 1-88-VECTRON-1 • Web: www.vectron.com
Outline Drawing
7.62 MAX
(.30 MAX)
0.457 DIA
(.018 DIA)
Square Corner Pin 1
5.08 MIN
(.20 MIN)
CL
7.63
(.30)
15.24
(.60)
2.54
(.10)
1
7
8
14
3.81
(.15)
13.21
(.52)
20.83
(.82)
Marking
Standoff’s
3 places at
pins.
Gnd Pin
No Standoff
0.635 MAX
(.025 MAX)
4 PLACES
(
0.35" :385, 0.4": 381)
2.54
(.100)
15.24
(.600)
2.54
(.100)
1.016 DIA
(.040 DIA)
1.727
(.068)
20.32
(.80)
1
2
3
4
Marki
ng
Square Corner Pin 1
12.70
(.50)
Pin
Function
1Frequency Adjust
*
7
GND, Case
8
Output
14
Supply
Pin Numbers
do not appear on the unit.
* Pin 1 is the Oven Alarm with option G.
380 Package
Pin
Function
1Frequency Adjust
*
2
GND, Case
3
Output
4
Supply
Pin Numbers
do not appear on the unit.
* Pin 1 is the Oven Alarm with option G.
3
81(ht= 0.4") ,385 (ht=0.35") Package


Similar Part No. - EX-385-DHD-ST3-A-10.000

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EX-30 PANASONIC-EX-30 Datasheet
1Mb / 6P
   Panasonic Electric Works of America
EX-30 PANASONIC-EX-30 Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
EX-31A PANASONIC-EX-31A Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
EX-31A PANASONIC-EX-31A Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
EX-31A-PN PANASONIC-EX-31A-PN Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
More results

Similar Description - EX-385-DHD-ST3-A-10.000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
EX-2000-DAE-208 VECTRON-EX-2000-DAE-208 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-4200-DAE-508 VECTRON-EX-4200-DAE-508 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200 Datasheet
843Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-401 VECTRON-EX-401 Datasheet
304Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-4000-DAA-758 VECTRON-EX-4000-DAA-758 Datasheet
511Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200_12 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-420 VECTRON-EX-420_12 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_14 Datasheet
581Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-620 VECTRON-EX-620 Datasheet
320Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_12 Datasheet
580Kb / 5P
   Evacuated Miniature Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com