Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX-240-CAB-108A-10.000 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # EX-240-CAB-108A-10.000
Description  Oven Controlled Crystal Oscillators (OCXO?셲)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

EX-240-CAB-108A-10.000 Datasheet(HTML) 2 Page - Vectron International, Inc

  EX-240-CAB-108A-10.000 Datasheet HTML 1Page - Vectron International, Inc EX-240-CAB-108A-10.000 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com 7Dec05
2
Oven Controlled Crystal Oscillators (OCXO’s)
240 Package Outline Drawing
Environmental Specifications (designed to meet)
Ordering Information
Capabilities
Pin
Function
1
Frequency Control
2-4
N/C. Internal use ONLY
8
Case, Ground
9
Output
13-15
N/C
16
Supply
Pin numbers are for reference, only, they do not appear on unit
240
508
EX
C
A
F
A
12.800
MHz
Package
240
Output Frequencies
10.000 MHz
16.384 MHz
10.230 MHz
19.440 MHz
12.800 MHz
20.000 MHz
13.000 MHz
20.480 MHz
Other Options
A = Electrical Frequency Adjust (standard)
F = Fixed Frequency, No Frequency Adjust,
Initial Accuracy at +25°C is ±1 ppm
Temperature & Stability
B-108 = ± 10 ppb over 0°C to +50°C
C-208 = ± 20 ppb over 0°C to +70°C
D-308 = ± 30 ppb over -20°C to +70°C
F-508 = ± 50 ppb over -40°C to +85°C
Note: Tighter stabilities and wider temperature
ranges are available, please consult the factory.
Output
A = HCMOS
H = + 3dBm sine
Supply Voltage
C = 5.0 Vdc ±5%
D = 3.3 Vdc ±5%
VI can offer this series with screening and conformance inspection based upon MIL-PRF-55310 for Product level B. Also, a
reduced current option is available. Please contact your local VI representative or VI for details.
EX-240
EX = EMXO
OCXO
Shock
-
1000g’s peak, 0.5 ms per MIL-STD-202, Method 213, Condition E
Vibration (Sine)
-
20g peak to 2 kHz per MIL-STD-202, Method 204, Condition D
Vibration (Random)- 30 Grms overall per MIL-STD-202, Method 214, Condition I-H
Acceleration
- 1000g per MIL-STD-202, Method 212, Condition C
Thermal Shock
- 50 cycles, -55C to +85C per MIL-STD 202, Method 107, Condition A-2
Altitude
- 70,000 ft per MIL-STD 202, Method 105, Condition C
Seal
- Hermetic per MIL-STD-202, Method 112, Condition C
Humidity
- 90% RH per MIL-STD-202, Method 103, Condition A
Reflow Profile
TIME(s)


Similar Part No. - EX-240-CAB-108A-10.000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
EX-245 VECTRON-EX-245 Datasheet
431Kb / 6P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
logo
Panasonic Semiconductor
EX-24A PANASONIC-EX-24A Datasheet
966Kb / 14P
   Ultra-compact Photoelectric Sensor
EX-24A PANASONIC-EX-24A Datasheet
966Kb / 14P
   Ultra-compact Photoelectric Sensor
EX-24A-PN PANASONIC-EX-24A-PN Datasheet
966Kb / 14P
   Ultra-compact Photoelectric Sensor
EX-24A-PN PANASONIC-EX-24A-PN Datasheet
966Kb / 14P
   Ultra-compact Photoelectric Sensor
More results

Similar Description - EX-240-CAB-108A-10.000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC160 ETC-OC160 Datasheet
51Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
OC-260 ETC-OC-260 Datasheet
91Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
logo
Vectron International, ...
OC-290 VECTRON-OC-290 Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillators
logo
Abracon Corporation
AOCJYR-20.000MHZ-M5627LF ABRACON-AOCJYR-20.000MHZ-M5627LF Datasheet
3Mb / 4P
   Oven Controlled Crystal Oscillators
08.19.14
AOCJYR-10.000MHZ-M5625LF ABRACON-AOCJYR-10.000MHZ-M5625LF Datasheet
3Mb / 4P
   Oven Controlled Crystal Oscillators
08.18.14
logo
Vectron International, ...
OC-050 VECTRON-OC-050 Datasheet
53Kb / 1P
   Oven Controlled Crystal Oscillators
OC-260 VECTRON-OC-260 Datasheet
91Kb / 2P
   Oven Controlled Crystal Oscillators
logo
BOWEI Integrated Circui...
OX12 BOWEI-OX12 Datasheet
87Kb / 1P
   Oven Controlled Crystal Oscillators
OX36D-H-MR-V@10M BOWEI-OX36D-H-MR-V@10M Datasheet
202Kb / 1P
   Oven Controlled Crystal Oscillators
OX20 BOWEI-OX20 Datasheet
283Kb / 1P
   Oven Controlled Crystal Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com