Selected language     English  ▼


J-TYPE Datasheet(PDF) 4 Page - Vectron International, Inc

Part No. J-TYPE
Description  Voltage Controlled Crystal Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECTRON [Vectron International, Inc]
Homepage  http://www.vectron.com
Logo 

   
 4 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
4
J-Type Voltage Controlled Crystal Oscillator
1
Vc
VCXO Control Voltage.
2
N/C or E/D1
No Connect or Output Disable option
3
GND
Case and electrical ground.
4
Output
VCXO Output
5COutput
VCXO Complementary Output
6VCC
Power Supply Voltage (5.0 V or 3.3V ±10%)
Pin Out Information for the PECL output option
Electrical Performance @ 25°C for the PECL output option
PECL Output Option
1. By setting pin 2 high, the outputs are disabled and output on pin 4 is held low while Complementary output on pin 5 is held high.
Output is enabled by setting pin 2 at < Vcc -1.6V, See ordering information for enable/disable option.
Supply Voltage1, +5 volt option
4.5
5.0
5.5
Vdc
+3.3 volt option
3.0
3.3
3.6
Vdc
Supply Current (frequency dependent)
<65mA
Center Frequency, see ordering information
FN
15
250
MHz
Operating Temperature, see ordering info
TOP
0/70, -40/85
°C
Absolute Pull Range over the operating tempera-
APR
±32 to ±50
ppm
ture range, aging and power supply Vc= 0.5 to
4.5 at 5V supply or 0.3 to 3.0 V at 3.3 supply
see ordering information for options
Gain Transfer
KV
Positive
(Frequency vs. Control Voltage)
Output Level High2 (0/70°C)
VOH
Vcc-1.025
-
Vcc-0.880
V
Output Level Low2 (0/70°C)
VOL
Vcc-1.810
-
Vcc-1.620
V
Output Level High2 (-40/+85°C)
VOH
Vcc-1.085
-
Vcc-0.880
V
Output Level Low2 (-40/+85°C)
VOL
Vcc-1.830
-
Vcc-1.555
V
Output Rise/Fall Time2
tR/ tF
1ns
Duty Cycle
SYM
45/55
%
Control Input Leakage
IL
0.1
mA
Control Voltage Modulation Bandwidth
BW
10
kHz
RMS Jitter
see ordering information
ps
RMS Jitter, 155.52 MHz, 12 kHz to 20 MHz (option P)
0.5
1.0
ps
Maximum Control Voltage
0
VDD
Maximum Supply Voltage
7V
Storage Temperature
TS
-55
-
125
°C
Soldering Temp./Time
TLS
-
-
220/10
°C/s
Parameter
Symbol
Minimum
Typical
Maximum
Unit
1. Power supply bypass is required and a 0.1uF in parallel with a 0.01uF high frequency capacitor is recommended.
2. Transition times are measured from 20% to 80% of a full 10K ECL level swing.
Pin
Symbol
Function




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TCO-734AVoltage Controlled Crystal Oscillator VCXO 1 List of Unclassifed Manufacturers
VC-700Voltage Controlled Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
K1536BLC3.3V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator 1 2 MTRONPTI
VTC4Voltage Controlled Temperature Compensated Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
VC-FXO-35FVoltage Controlled SMD Crystal Oscillator 1 Kyocera Kinseki Corpotation
VVC1Voltage Controlled Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
LM1500Half Size Voltage Controlled Crystal Oscillator VCXO 1 List of Unclassifed Manufacturers
VX81SURFACE MOUNT VOLTAGE CONTROLLED CRYSTAL OSCILLATOR 1 2 List of Unclassifed Manufacturers
VC-501Voltage Controlled Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
XO7080Voltage Controlled Crystal Oscillator 1 2 MTRONPTI

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl