Selected language     English  ▼


J-TYPE Datasheet(PDF) 5 Page - Vectron International, Inc

Part No. J-TYPE
Description  Voltage Controlled Crystal Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECTRON [Vectron International, Inc]
Homepage  http://www.vectron.com
Logo 

   
 5 page
background image
J-Type Voltage Controlled Crystal Oscillator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
5
Output Test Conditions (25±5°C)
PECL Output Option
Ordering Information for the PECL output option (add frequency) 1
J
6 pin
C
5V±10%
U
VCXO
F
±32
C
0/70
M
PECL
U
None
N
Standard
Ceramic
45/55%
SOJ
D 3.3V±10% L
±10%
G
±50
L
-40/85
E
Enable/
P
6ps rms
linear
Disable
(<1ps rms
VCXO
on pin 2
12 kHz-20 MHz)
jitter
M ±20ppm
R
12ps rms
stability
jitter
VCXO
T
20ps rms
jitter
Package
Supply
VCXO
APR
Operating
Output/Duty
Enable/
Specials
Voltage
Type
(ppm)
Temp.
Cycle
Disable
(°C)
Min/Max
1. Note: Not all combinations are possible.
Example: JDUGLMEP @77.76 MHz = 3.3 volt, VCXO @77.760, ±50 ppm APR, -40/85°C, 45/55% Symmetry,
PECL, Enable/Disable on pin 2, 6ps rms jitter
77.760
82.944
155.52
200.00
245.76
Standard Frequencies, in MHz, for PECL output options
Other frequencies available upon request.
Output Wave Form
Output Test Conditions




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TCO-734AVoltage Controlled Crystal Oscillator VCXO 1 List of Unclassifed Manufacturers
VC-700Voltage Controlled Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
K1536BLC3.3V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator 1 2 MTRONPTI
VTC4Voltage Controlled Temperature Compensated Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
VC-FXO-35FVoltage Controlled SMD Crystal Oscillator 1 Kyocera Kinseki Corpotation
VVC1Voltage Controlled Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
LM1500Half Size Voltage Controlled Crystal Oscillator VCXO 1 List of Unclassifed Manufacturers
VX81SURFACE MOUNT VOLTAGE CONTROLLED CRYSTAL OSCILLATOR 1 2 List of Unclassifed Manufacturers
VC-501Voltage Controlled Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
XO7080Voltage Controlled Crystal Oscillator 1 2 MTRONPTI

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl