Selected language     English  ▼


J-TYPE Datasheet(PDF) 1 Page - Vectron International, Inc

Part No. J-TYPE
Description  Voltage Controlled Crystal Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECTRON [Vectron International, Inc]
Homepage  http://www.vectron.com
Logo 

   
 1 page
background image
Product Data Sheet
J-Type
Voltage Controlled Crystal Oscillator
Features
• Output Frequencies from 1.024 MHz to 250.000 MHz
• +3.3 or +5.0 volt options
• Small 14mm x 9mm J-type Package
• CMOS or PECL Outputs
• Low phase noise and custom options
• 0/70° C or –40/85° C operating temperature
• Tri-State output (CMOS) Enable/Disable (PECL)
Applications
• Clock Smoothing
• Frequency Translation
• SONET, SDH, ATM, DSLAM, ADM
Description
The J-type voltage controlled crystal oscillator incorpo-
rates VI’s advanced VCXO performance capabilities
while adhering to a package footprint compatible with
the industry-common J-lead package.
The J-type VCXO is a quartz stabilized square wave
generator with either a CMOS output for driving
CMOS/TTL loads or a PECL output. The device is pack-
aged in a 6 pin J-lead ceramic package and is hermeti-
cally sealed with a grounded conductive lid.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TCO-734AVoltage Controlled Crystal Oscillator VCXO 1 List of Unclassifed Manufacturers
VC-700Voltage Controlled Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
K1536BLC3.3V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator 1 2 MTRONPTI
VTC4Voltage Controlled Temperature Compensated Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
VC-FXO-35FVoltage Controlled SMD Crystal Oscillator 1 Kyocera Kinseki Corpotation
VVC1Voltage Controlled Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
LM1500Half Size Voltage Controlled Crystal Oscillator VCXO 1 List of Unclassifed Manufacturers
VX81SURFACE MOUNT VOLTAGE CONTROLLED CRYSTAL OSCILLATOR 1 2 List of Unclassifed Manufacturers
VC-501Voltage Controlled Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
XO7080Voltage Controlled Crystal Oscillator 1 2 MTRONPTI

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl