Electronic Components Datasheet Search
Selected language     English  ▼


J-TYPE Datasheet(PDF) 2 Page - Vectron International, Inc

Part No. J-TYPE
Description  Voltage Controlled Crystal Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECTRON [Vectron International, Inc]
Homepage  http://www.vectron.com
Logo 

   
 2 page
background image
J-Type Voltage Controlled Crystal Oscillator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
1
Vc
VCXO Control Voltage.
2
Tri-State1
TTL logic low disables output
TTL logic high, or no connect, enables output
3
GND
Case and electrical ground.
4
Output
VCXO Output
5
CMOS/TTL
TTL logic low optimizes symmetry for CMOS
select1,2
TTL logic high, or NC, optimizes symmetry for TTL.
6VCC
Power Supply Voltage (5.0 V or 3.3V ±10%)
Pin Out Information for the CMOS output option
Electrical Performance @ 25°C for the CMOS output option
CMOS Output Option
1. Standard option. Tri-State can be connected to pin 5 and CMOS/TTL select would be on pin 2.
2. Output is HCMOS. For frequencies >12MHz, this option optimizes symmetry for either CMOS or TTL thresholds. Ground this pin for fre-
quencies < 12MHz.
Supply Voltage1, +5 volt option
4.5
5.0
5.5
Vdc
+3.3 volt option
3.0
3.3
3.6
Vdc
Supply Current
10mA + 0.25mA per MHz, typical
Center Frequency, see ordering information
FN
1.024
77.760
MHz
Operating Temperature, see ordering info
TOP
0/70, -40/85
°C
Absolute Pull Range over the operating tempera-
APR
±50 to ±100
ppm
ture range, aging and power supply Vc=0.5 to
4.5 at 5V supply or 0.3 to 3.0 V at 3.3V supply
see ordering information for options
Gain Transfer
KV
Positive
(Frequency vs. Control Voltage)
Output Level High2
VOH
0.8*Vcc
-
V
Output Level Low2
VOL
-
0.1*Vcc
V
Output Rise/Fall Time2
tR/ tF
5ns
Duty Cycle3, see ordering info
SYM
45/55 or 40/60
%
Control Input Leakage
IL
1uA
Control Voltage Modulation Bandwidth
BW
-
10
-
kHz
RMS Jitter, Output=12.0-77.760 MHz
3ps
RMS Jitter, Output =12.0-77.760 MHz.
<0.5
ps
Band =12.0 KHz - 20 MHz
Control Range
0
VDD
Maximum Supply Voltage
7V
Storage Temperature
TS
-55
-
125
°C
Soldering Temp./Time
TLS
-
-
220/10
°C/s
2
Parameter
Symbol
Minimum
Typical
Maximum
Unit
1. Power supply bypass is required and a 0.1uF in parallel with a 0.01uF high frequency capacitor is recommended.
2. Figure 1 defines these parameters. Figure 2 illustrates the load used to test devices.
3. Duty cycle is defined as on-time versus period at 1.4 V for TTL, and 2.5 V for CMOS (5volt supply) and at 1.65 V for CMOS (3.3 volt operation)
Pin
Symbol
Function




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TCO-734AVoltage Controlled Crystal Oscillator VCXO 1 List of Unclassifed Manufacturers
VC-700Voltage Controlled Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
K1536BLC3.3V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator 1 2 MTRONPTI
VTC4Voltage Controlled Temperature Compensated Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
VC-FXO-35FVoltage Controlled SMD Crystal Oscillator 1 Kyocera Kinseki Corpotation
VVC1Voltage Controlled Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
LM1500Half Size Voltage Controlled Crystal Oscillator VCXO 1 List of Unclassifed Manufacturers
VX81SURFACE MOUNT VOLTAGE CONTROLLED CRYSTAL OSCILLATOR 1 2 List of Unclassifed Manufacturers
VC-501Voltage Controlled Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
XO7080Voltage Controlled Crystal Oscillator 1 2 MTRONPTI

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl