Electronic Components Datasheet Search
Selected language     English  ▼


J-TYPE Datasheet(PDF) 3 Page - Vectron International, Inc

Part No. J-TYPE
Description  Voltage Controlled Crystal Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECTRON [Vectron International, Inc]
Homepage  http://www.vectron.com
Logo 

   
 3 page
background image
J-Type Voltage Controlled Crystal Oscillator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
CMOS Output Option
3
Output Test Conditions (25±5°C) for 5 volt devices.
For 3.3V use 15pF cap only, no resistors needed.
Threshold = 1.4 volts for TTL
and 50% for CMOS
Figure 1
Output Wave Form
Figure 2
Output Test Conditions
1.024
1.544
2.000
2.048
3.088
3.580
3.686
4.000
4.032
4.096
4.434
5.000
6.144
6.176
6.312
6.400
8.000
8.192
8.448
10.000
12.000
12.288
12.352
13.000
14.318
15.360
15.440
16.000
16.384
18.432
19.44
20.000
20.480
24.000
24.576
24.704
27.000
30.000
32.000
32.768
34.368
35.328
38.880
40.000
40.960
44.736
50.000
51.840
52.000
65.536
77.760
155.5201
Standard Frequencies, in MHz, for CMOS output option
Ordering Information for the CMOS output option (add frequency)4
J
6 pin
C
5V±10%
U
VCXO G
±50
C
0/70
A
TTL/
T Tri State
N
Standard
Ceramic
CMOS
on pin 2
SOJ
45/55%1
D 3.3V±10% L
±10%
N
±80
L
-40/85
J
CMOS
linear
45/55%2
VCXO
H
±100
K
CMOS
40/60%3
Package
Supply
VCXO
APR
Operating
Output/Duty
Tri-State
Specials
Voltage
Type
(ppm)
Temp.
Cycle
(°C)
Min/Max
1. Output is CMOS and symmetry is tested at TTL and CMOS thresholds.
2. Output is CMOS and symmetry is tested at CMOS threshold. This option is used for 3.3 V operation.
3. Output is CMOS and symmetry is tested at CMOS thresholds. This option is required for 3.3V, frequencies >51.840MHz.
4. Note: Not all combinations are possible.
Example: JDUGCKTN @ 77.76 MHz = 3.3 volt, VCXO@77.760, ±50 ppm APR, 0/70°C, 40/60% Symmetry,
CMOS, Tri-State on pin 2.
1. Uses a PLL multiplier, jitter is 25ps rms typical vs 3ps rms typical for a HFF (High Frequency Fundemental) design. Available with 5 Vdc input only.
Other frequencies available upon request.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TCO-734AVoltage Controlled Crystal Oscillator VCXO 1 List of Unclassifed Manufacturers
VC-700Voltage Controlled Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
K1536BLC3.3V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator 1 2 MTRONPTI
VTC4Voltage Controlled Temperature Compensated Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
VC-FXO-35FVoltage Controlled SMD Crystal Oscillator 1 Kyocera Kinseki Corpotation
VVC1Voltage Controlled Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
LM1500Half Size Voltage Controlled Crystal Oscillator VCXO 1 List of Unclassifed Manufacturers
VX81SURFACE MOUNT VOLTAGE CONTROLLED CRYSTAL OSCILLATOR 1 2 List of Unclassifed Manufacturers
VC-501Voltage Controlled Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
XO7080Voltage Controlled Crystal Oscillator 1 2 MTRONPTI

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl