Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX-380-DHF-507-A-10.000 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # EX-380-DHF-507-A-10.000
Description  4 Pin DIP & SMD Evacuated Miniature Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

EX-380-DHF-507-A-10.000 Datasheet(HTML) 6 Page - Vectron International, Inc

  EX-380-DHF-507-A-10.000 Datasheet HTML 1Page - Vectron International, Inc EX-380-DHF-507-A-10.000 Datasheet HTML 2Page - Vectron International, Inc EX-380-DHF-507-A-10.000 Datasheet HTML 3Page - Vectron International, Inc EX-380-DHF-507-A-10.000 Datasheet HTML 4Page - Vectron International, Inc EX-380-DHF-507-A-10.000 Datasheet HTML 5Page - Vectron International, Inc EX-380-DHF-507-A-10.000 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
USA: Vectron International • 267 Lowell Road, Hudson, NH 03051
. . . . Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
EUROPE: In Denmark, Finland, Ireland, Israel, Norway, Spain, UK . . . . . . . Tel: 49(0)3328 4284 17
Austria, Belgium, France, Germany, Italy, Luxembourg
Netherlands, Sweden, Switzerland, . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ASIA: In China, Taiwan, Japan . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tel: + 86 21 28909740 /41 /42
Korea, Singapore, Australia, India . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Vectron International reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
©2001, Vectron International.
Rev.
2May03
www.vectron.com
For additional information please contact:
EX-380 Evacuated Miniature Oven Controlled Crystal Oscillator
Ordering Information
380
EX
D A F
ST3
A
Output Frequencies
10.000 MHz
19.440 MHz
77.760 MHz
10.230 MHz
20.000 MHz
80.000 MHz
12.800 MHz
20.480 MHz
13.000 MHz
38.880 MHz
16.384 MHz
40.000 MHz
C: +5 Vdc ± 5%
Consult with Factory about
D: +3.3Vdc ± 5%
availability of frequencies not listed.
Other Options
A = Standard, No Options (Default)
F = Fixed Frequency, No Frequency Adjust
G= Fixed Frequency Option & Oven Alarm Option.
Package
380 = Thru Hole
38
1,385 = SMD
Supply Voltage
Output Type
A = HCMOS
,G*=0 dBm, H*=+3 dBm/ 50 ohms (*=381 only)
MHz
12.800
Temperature & Stability
D-
107 = ±0.1 ppm over -20°C to +70°C (<50 MHz)
D-ST3 = Stratum 3
over -20°C to +70°C
F-
507 = ±0.5 ppm
over -40°C to +85°C
Note: Oven Alarm (into 10k ohm load):
F-
147 = ±0.14 ppm
over -40°C to +85°C
(<50 MHz)
Normal: > 0.8Vdd , Error: <0.1Vdd
NOTE: Tighter stabilities and wider temperature
Oven alarm is not available when EFC is
ranges are available, please consult the factory.
specified.
Visit our website at www.vectron.com


Similar Part No. - EX-380-DHF-507-A-10.000

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EX-30 PANASONIC-EX-30 Datasheet
1Mb / 6P
   Panasonic Electric Works of America
EX-30 PANASONIC-EX-30 Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
EX-31A PANASONIC-EX-31A Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
EX-31A PANASONIC-EX-31A Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
EX-31A-PN PANASONIC-EX-31A-PN Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
More results

Similar Description - EX-380-DHF-507-A-10.000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
EX-2000-DAE-208 VECTRON-EX-2000-DAE-208 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-4200-DAE-508 VECTRON-EX-4200-DAE-508 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200 Datasheet
843Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-401 VECTRON-EX-401 Datasheet
304Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-4000-DAA-758 VECTRON-EX-4000-DAA-758 Datasheet
511Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200_12 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-420 VECTRON-EX-420_12 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_14 Datasheet
581Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-620 VECTRON-EX-620 Datasheet
320Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_12 Datasheet
580Kb / 5P
   Evacuated Miniature Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com