Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5359ET Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK5359ET
Description  24-Bit 192kHz ?誇 ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5359ET Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK5359ET Datasheet HTML 7Page - Asahi Kasei Microsystems AK5359ET Datasheet HTML 8Page - Asahi Kasei Microsystems AK5359ET Datasheet HTML 9Page - Asahi Kasei Microsystems AK5359ET Datasheet HTML 10Page - Asahi Kasei Microsystems AK5359ET Datasheet HTML 11Page - Asahi Kasei Microsystems AK5359ET Datasheet HTML 12Page - Asahi Kasei Microsystems AK5359ET Datasheet HTML 13Page - Asahi Kasei Microsystems AK5359ET Datasheet HTML 14Page - Asahi Kasei Microsystems AK5359ET Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ASAHI KASEI
[AK5359]
MS0428-E-00
2005/09
- 11 -
LRCK
BICK(64fs)
SDTO(o)
0
23 22
1 2
4
0
20 21
24
31 0 12
23 22
0
1
0
23
22
20 21
31
23:MSB, 0:LSB
Lch Data
Rch Data
24
32 1
22 23
23
1
2
3
4
Figure 1. Mode 0 Timing
LRCK
BICK(64fs)
SDTO(o)
0
23 22
1 2
4
0
25
21
24
0 12
23 22
0
1
0
22
25
21
24
321
22 23
23
1
2
3
4
3
23:MSB, 0:LSB
Lch Data
Rch Data
Figure 2. Mode 1 Timing
Digital High Pass Filter
The ADC has a digital high pass filter for DC offset cancellation. The cut-off frequency of the HPF is 1.0Hz (@fs=48kHz)
and scales with sampling rate (fs).
HPF is controlled by CKS2-0 pins (Table 2). If HPF setting (ON/OFF) is changed at operating, click noise occurs by
changing DC offset. It is recommended that HPF setting is changed at PDN pin = “L”.


Similar Part No. - AK5359ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
AK5351 AKM-AK5351 Datasheet
1Mb / 21P
   EVALUATION BOARD REV.B FOR AK5351
AK5351-VF AKM-AK5351-VF Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
   96kHz Sampling 20bit ADC
AK5352 AKM-AK5352 Datasheet
2Mb / 27P
   EVALUATION BOARD REV.B FOR AK5352
More results

Similar Description - AK5359ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5386 AKM-AK5386 Datasheet
148Kb / 18P
   Single-ended 24-Bit 192kHz ?誇 ADC
AK5394A AKM-AK5394A_05 Datasheet
191Kb / 25P
   Super High Performance 192kHz 24-Bit ?誇 ADC
AK4388 AKM-AK4388 Datasheet
196Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4388A AKM-AK4388A Datasheet
327Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK5385B AKM-AK5385B Datasheet
186Kb / 24P
   24Bit 192kHz ?誇 ADC
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
AK4385 AKM-AK4385_06 Datasheet
272Kb / 23P
   108dB 192kHz 24-Bit 2ch ?誇 DAC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com