Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX-424-DAF-D1C1 Datasheet(PDF) 8 Page - Vectron International, Inc

Part # FX-424-DAF-D1C1
Description  Low Jitter Frequency Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-424-DAF-D1C1 Datasheet(HTML) 8 Page - Vectron International, Inc

  FX-424-DAF-D1C1 Datasheet HTML 1Page - Vectron International, Inc FX-424-DAF-D1C1 Datasheet HTML 2Page - Vectron International, Inc FX-424-DAF-D1C1 Datasheet HTML 3Page - Vectron International, Inc FX-424-DAF-D1C1 Datasheet HTML 4Page - Vectron International, Inc FX-424-DAF-D1C1 Datasheet HTML 5Page - Vectron International, Inc FX-424-DAF-D1C1 Datasheet HTML 6Page - Vectron International, Inc FX-424-DAF-D1C1 Datasheet HTML 7Page - Vectron International, Inc FX-424-DAF-D1C1 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
FX-424 Low Jitter Frequency Translator
Vectron International, 267 Lowell Road, Hudson, NH 03051
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 8 of 8
Rev: 18Dec05
Standard Frequencies
8 kHz
C
26.00 MHz
T
622.08 MHz
8
16 kHz
D
27.00 MHz
W
666.5143 MHz
9
64 kHz
E
38.88 MHz
X
1.024 MHz
F
44.736 MHz
Y
1.544 MHz
H
51.84 MHz
0
2.048 MHz
J
61.44 MHz
1
4.096 MHz
K
77.76 MHz
2
8.192 MHz
L
82.944 MHz
3
13.000 MHz
M
112.000 MHz
4
16.384 MHz
N
139.264 MHz
5
19.440 MHz
P
155.520 MHz
6
20.480 MHz
R
166.6286 MHz
7
Special SCD
S
Not all combinations are possible.
Ordering Information
For Additional Information, Please Contact:
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information
.
USA: Vectron International, 267 Lowell Rd, Hudson, NH 03051 . . . .Tel: 1-88-VECTRON-1
Fax: 1-888-FAX-VECTRON
EUROPE: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tel: +49 (0) 7268 8010
Fax: +49 (0) 7268 8012 81
ASIA: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tel: +86-21-5048-0777
Fax: +86-21-5048-1881


Similar Part No. - FX-424-DAF-D1C1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-424 VECTRON-FX-424 Datasheet
148Kb / 9P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
499Kb / 8P
   Low Jitter Frequency Translator
FX-424DAC-A1G VECTRON-FX-424DAC-A1G Datasheet
499Kb / 8P
   Low Jitter Frequency Translator
FX-424DAC-D1G VECTRON-FX-424DAC-D1G Datasheet
499Kb / 8P
   Low Jitter Frequency Translator
FX-424DAF-A1G VECTRON-FX-424DAF-A1G Datasheet
499Kb / 8P
   Low Jitter Frequency Translator
More results

Similar Description - FX-424-DAF-D1C1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_06 Datasheet
112Kb / 6P
   Low Jitter Frequency Translator
FX-400 VECTRON-FX-400_11 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_09 Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700_09 Datasheet
283Kb / 7P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500 Datasheet
1,013Kb / 6P
   Low Jitter Frequency Translator
FX-400-EAE-K VECTRON-FX-400-EAE-K Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com