Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD5359 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AKD5359
Description  24-Bit 192kHz ?誇 ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5359 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AKD5359 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD5359 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD5359 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5359 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5359 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5359 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5359 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD5359 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD5359 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ASAHI KASEI
[AK5359]
MS0428-E-00
2005/09
- 7 -
DC CHARACTERISTICS
(Ta=Tmin
∼ Tmax ; VA=4.5 ∼ 5.5V; VD=3.0 ∼ 5.5V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
70%VD
-
-
-
-
30%VD
V
V
High-Level Output Voltage
(Iout=
−1mA)
Low-Level Output Voltage
(Iout=1mA)
VOH
VOL
VD
−0.5
-
-
-
-
0.5
V
V
Input Leakage Current
Iin
-
-
±10
µA
SWITCHING CHARACTERISTICS
(Ta=Tmin
∼ Tmax ; VA=4.5 ∼ 5.5V; VD=3.0 ∼ 5.5V; C
L=20pF)
Parameter
Symbol
min
typ
max
Units
Master Clock Timing
Frequency
Pulse Width Low
Pulse Width High
fCLK
tCLKL
tCLKH
2.048
0.4/fCLK
0.4/fCLK
41.472
MHz
ns
ns
LRCK Frequency
fs
8
216
kHz
Duty Cycle
Slave mode
Master mode
45
50
55
%
%
Audio Interface Timing
Slave mode
SCLK Period
SCLK Pulse Width Low
Pulse Width High
LRCK Edge to SCLK “
↑”
(Note 10)
SCLK “
↑” to LRCK Edge
(Note 10)
LRCK to SDTO (MSB) (Except I
2S mode)
SCLK “
↓” to SDTO
tSCK
tSCKL
tSCKH
tLRSH
tSHLR
tLRS
tSSD
72
33
33
20
20
25
25
ns
ns
ns
ns
ns
ns
ns
Master mode
SCLK Frequency
SCLK Duty
SCLK “
↓” to LRCK
SCLK “
↓” to SDTO
fSCK
dSCK
tMSLR
tSSD
−20
−20
64fs
50
20
20
Hz
%
ns
ns
Reset Timing
PDN Pulse Width
(Note 11)
PDN “
↑” to SDTO valid at Slave Mode (Note 12)
PDN “
↑” to SDTO valid at Master Mode (Note 12)
tPD
tPDV
tPDV
150
4132
4129
ns
1/fs
1/fs
Note 10. SCLK rising edge must not occur at the same time as LRCK edge.
Note 11. The AK5359 can be reset by bringing the PDN pin = “L”.
Note 12. This cycle is the number of LRCK rising edges from the PDN pin = “H”.


Similar Part No. - AKD5359

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5359 AKM-AKD5359 Datasheet
238Kb / 24P
   AK5359 Evaluation Board Rev.0
AKD5359-B AKM-AKD5359-B Datasheet
238Kb / 24P
   AK5359 Evaluation Board Rev.0
More results

Similar Description - AKD5359

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5386 AKM-AK5386 Datasheet
148Kb / 18P
   Single-ended 24-Bit 192kHz ?誇 ADC
AK5394A AKM-AK5394A_05 Datasheet
191Kb / 25P
   Super High Performance 192kHz 24-Bit ?誇 ADC
AK4388 AKM-AK4388 Datasheet
196Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4388A AKM-AK4388A Datasheet
327Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK5385B AKM-AK5385B Datasheet
186Kb / 24P
   24Bit 192kHz ?誇 ADC
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
AK4385 AKM-AK4385_06 Datasheet
272Kb / 23P
   108dB 192kHz 24-Bit 2ch ?誇 DAC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com