Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX-500-KAF-HNJ-A1-B2 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # FX-500-KAF-HNJ-A1-B2
Description  Low Jitter Frequency Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-500-KAF-HNJ-A1-B2 Datasheet(HTML) 5 Page - Vectron International, Inc

  FX-500-KAF-HNJ-A1-B2 Datasheet HTML 1Page - Vectron International, Inc FX-500-KAF-HNJ-A1-B2 Datasheet HTML 2Page - Vectron International, Inc FX-500-KAF-HNJ-A1-B2 Datasheet HTML 3Page - Vectron International, Inc FX-500-KAF-HNJ-A1-B2 Datasheet HTML 4Page - Vectron International, Inc FX-500-KAF-HNJ-A1-B2 Datasheet HTML 5Page - Vectron International, Inc FX-500-KAF-HNJ-A1-B2 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FX-500 Low Jitter Frequency Translator
5
Vectron International •
267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
Ordering Information
EXAMPLE: FX-500-LAC-GNK-A3-K2
FX-500, 3.3V, CMOS output, 0 to 70C operating temperature,
±50 ppm APR, 40/60 % duty cycle with an 8kHz input and 77.760MHz output
FX-500
X X X
X
X
X
XX
Input Frequency
(A1-K2 from table)
Duty Cycle
J = 45/55
K = 40/60
Other
N = n/a
Absolute Pull Range
G = ±50 ppm
N = ±80 ppm
H = ±100 ppm
Product Family
FX=Freq. Translator
Package
500: 14.0 x 9.0 x 4.5 mm
Input
K: 5.0V ±o.5 Vdc
L: 3.3V ±0.3 Vdc
Output
A: CMOS
Temperature Range
C: 0 to 70°C
F: -40 to 85°C
MHz
Output Frequency
(B2-K2 from table)
XX
1.000 kHz A1
4.000 kHz A2
8.000 kHz A3
16.000 kHz A4
64.000 kHz A5
1.024 MHz B2
1.544 MHz B3
2.048 MHz B4
3.088 MHz B6
4.096 MHz B5
6.480 MHz C2
8.192 MHz C3
10.000 MHz C4
12.352 MHz D1
13.000 MHz D3
15.000 MHz D4
16.384 MHz D5
18.432 MHz D7
19.440 MHz D6
20.000 MHz E2
20.480 MHz E4
24.576 MHz E6
24.704 MHz E7
26.000 MHz F3
27.000 MHz F4
30.720 MHz H1
32.000 MHz H2
32.768 MHz H3
34.368 MHz H6
37.056 MHz H4
38.880 MHz H5
40.960 MHz J1
44.736 MHz J3
49.152 MHz J7
51.840 MHz J4
61.440 MHz J5
62.208 MHz J8
62.500 MHz J9
65.536 MHz J6
74.152 MHz K1
74.250 MHz K7
77.760 MHz K2
Standard Frequencies
Note 1: Other frequencies are available upon request, please contact VI for details
SS is code for non-standard frequencies, list the frequency after the part number.
Note 2: Not all combinations are possible.
Note 3: Output frequency must be equal to or greater than the input frequency. The ratio of fO/fIN must be an Integer.
Also, the output frequency must be equal to or greater than 100 kHz.


Similar Part No. - FX-500-KAF-HNJ-A1-B2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-500-DAE-KNNN VECTRON-FX-500-DAE-KNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-500-DAE-PNNN VECTRON-FX-500-DAE-PNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-500-DAT-KNNN VECTRON-FX-500-DAT-KNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-500-EAE-KNNN VECTRON-FX-500-EAE-KNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-500-EAE-PNNN VECTRON-FX-500-EAE-PNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
More results

Similar Description - FX-500-KAF-HNJ-A1-B2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_06 Datasheet
112Kb / 6P
   Low Jitter Frequency Translator
FX-400 VECTRON-FX-400_11 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_09 Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700_09 Datasheet
283Kb / 7P
   Low Jitter Frequency Translator
FX-400-EAE-K VECTRON-FX-400-EAE-K Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com