Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX-500-KAF-HNJ-A1-B2 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # FX-500-KAF-HNJ-A1-B2
Description  Low Jitter Frequency Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-500-KAF-HNJ-A1-B2 Datasheet(HTML) 1 Page - Vectron International, Inc

  FX-500-KAF-HNJ-A1-B2 Datasheet HTML 1Page - Vectron International, Inc FX-500-KAF-HNJ-A1-B2 Datasheet HTML 2Page - Vectron International, Inc FX-500-KAF-HNJ-A1-B2 Datasheet HTML 3Page - Vectron International, Inc FX-500-KAF-HNJ-A1-B2 Datasheet HTML 4Page - Vectron International, Inc FX-500-KAF-HNJ-A1-B2 Datasheet HTML 5Page - Vectron International, Inc FX-500-KAF-HNJ-A1-B2 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product Data Sheet
FX-500
Low Jitter Frequency Translator
Features
• Complete Frequency Translator to 77.760 MHz
• 3.3 Volt or 5.0 Volt Supply
• Capable of locking to an 8 kHz pulse/ BITS clock
• Tri-State Output allows board test
• Lock Detect
• J-Lead Ceramic Package
• Advanced Custom ASIC Technology
• Absolute Pull Range Performance to ±100 ppm
• CMOS Output
• Commercial or Industrial Temperature Range
• EIA Compatible Tape and Reel Packaging
Applications
• Frequency Translation, Clock Smoothing
• Telecom - SONET/SDH/ATM/DWDM
• Datacom - DSLAM, DSLAR, Access Nodes
• Cable Modem Head End
• Base Station - GSM, CDMA
Description
The FX-500 is a complete crystal-based frequency
translator used in communications applications
where low jitter is paramount.
Performance advantages include superior jitter per-
formance, high output frequencies and small pack-
age size. Advanced custom ASIC technology
results in a highly robust, reliable and predictable
device.
The device is packaged in a 6 pin J-Lead ceramic
package with a hermetic seam welded lid.
Figure 1. FX-500 Block Diagram


Similar Part No. - FX-500-KAF-HNJ-A1-B2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-500-DAE-KNNN VECTRON-FX-500-DAE-KNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-500-DAE-PNNN VECTRON-FX-500-DAE-PNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-500-DAT-KNNN VECTRON-FX-500-DAT-KNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-500-EAE-KNNN VECTRON-FX-500-EAE-KNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-500-EAE-PNNN VECTRON-FX-500-EAE-PNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
More results

Similar Description - FX-500-KAF-HNJ-A1-B2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_06 Datasheet
112Kb / 6P
   Low Jitter Frequency Translator
FX-400 VECTRON-FX-400_11 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_09 Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700_09 Datasheet
283Kb / 7P
   Low Jitter Frequency Translator
FX-400-EAE-K VECTRON-FX-400-EAE-K Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com