Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK6481CH Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK6481CH
Description  8Kbit Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6481CH Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK6481CH Datasheet HTML 1Page - Asahi Kasei Microsystems AK6481CH Datasheet HTML 2Page - Asahi Kasei Microsystems AK6481CH Datasheet HTML 3Page - Asahi Kasei Microsystems AK6481CH Datasheet HTML 4Page - Asahi Kasei Microsystems AK6481CH Datasheet HTML 5Page - Asahi Kasei Microsystems AK6481CH Datasheet HTML 6Page - Asahi Kasei Microsystems AK6481CH Datasheet HTML 7Page - Asahi Kasei Microsystems AK6481CH Datasheet HTML 8Page - Asahi Kasei Microsystems AK6481CH Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ASAHI KASEI
[AK6480C/81]
DAS04E-00
2005/03
- 2 -
General Description
The AK6480C/81C is a 8192bit, serial, read/write, non-volatile memory device fabricated using an
advanced CMOS EEPROM technology.
The AK6480C/81C has 8192bits of memory organized
into 512 registers of 16 bits each.
The AK6480C/81C can operate full function under wide
operating voltage range from 1.8V to 5.5V.
The charge up circuit is integrated for high voltage
generation that is used for write operation.
The AK6480C/81C can connect to the serial communication port of popular one chip
microcomputer directly (3 line negative clock synchronous interface).
At write operation,
AK6480C/81C takes in the write data from data input pin (DI) to a register synchronously with
rising edge of input pulse of serial clock pin ( SK ).
And at read operation, AK6480C/81C takes
out the read data from a register to data output pin (DO) synchronously with falling edge of SK .
The AK6480C/81C has 5 instructions such as READ, WRITE, PAGE WRITE, WREN (write enable)
and WRDS (write disable). Each instruction is organized by op-code block (8bits), address block
(8bits) and data (8bits x 2).
When input level of SK pin is high level and input level of chip
select ( CS ) pin is changed from high level to low level, AK6480C/81C can receive the
instructions.
Special features of the AK6480C/81C include : automatic write time-out with auto-ERASE,
Ready/ Busy status signal output and ultra-low standby power mode when deselected ( CS
=high).
Software and Hardware controlled write protection
The AK6480C/81C has 2 (hardware and software) write protection functions.
After power on or after execution of WRDS (write disable) instruction, execution of WRITE
instruction will be disabled.
This write protection condition continues until WREN instruction is
executed or VCC is removed from the part.
Execution of READ instruction is independent of both WREN and WRDS instructions.
Reset pin should be low level when WRITE instruction is executed.
When the Reset pin is high
level, the WRITE instruction is not executed.
Ready/ Busy status signal
During the automatic write time-out period ( Busy status), the AK6480C/81C can't accept the
other instructions. The AK6480C/81C has 2 functions to know the Busy status from exterior.
The RDY/ BUSY pin indicates the Busy status regardless of the CS pin status.
The
RDY/ BUSY pin outputs the low level regardless of the CS pin status during Busy status.
Except the above status, this pin outputs high level.
Also the DO pin indicates the Busy status.
When input level of SK pin is low level and input
level of CS pin is changed from high level to low level, the AK6480C/81C is in the status output
mode and the DO pin indicates the Ready/ Busy status.
The Ready/ Busy status outputs on
DO pin until CS pin is changed from low level to high level, or first bit ("1") of op-code of next
instruction is given to the part.
Except when the device is in the status output mode or outputs
data, the DO pin is in the high impedance state.


Similar Part No. - AK6481CH

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK648192D ACCUTEK-AK648192D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK648192D ACCUTEK-AK648192D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK648192D ACCUTEK-AK648192D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK648192D ACCUTEK-AK648192D Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK648192D ACCUTEK-AK648192D Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK6481CH

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6420A-1 AKM-AK6420A-1 Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420A AKM-AK6420A Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AM AKM-AK6420AM Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
logo
Seiko Instruments Inc
S-29UXX0A SII-S-29UXX0A Datasheet
857Kb / 15P
   CMOS SERIAL EEPROM
S-29453A SII-S-29453A Datasheet
757Kb / 13P
   CMOS SERIAL EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24AA128 ARTSCHIP-24AA128 Datasheet
1Mb / 10P
   CMOS Serial EEPROM
logo
Seiko Instruments Inc
S-29UX94A SII-S-29UX94A Datasheet
875Kb / 15P
   CMOS SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com