Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX-385-DHF-147-A-10.000 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # EX-385-DHF-147-A-10.000
Description  4 Pin DIP & SMD Evacuated Miniature Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

EX-385-DHF-147-A-10.000 Datasheet(HTML) 1 Page - Vectron International, Inc

  EX-385-DHF-147-A-10.000 Datasheet HTML 1Page - Vectron International, Inc EX-385-DHF-147-A-10.000 Datasheet HTML 2Page - Vectron International, Inc EX-385-DHF-147-A-10.000 Datasheet HTML 3Page - Vectron International, Inc EX-385-DHF-147-A-10.000 Datasheet HTML 4Page - Vectron International, Inc EX-385-DHF-147-A-10.000 Datasheet HTML 5Page - Vectron International, Inc EX-385-DHF-147-A-10.000 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product Data Sheet
EX-380 Series
4 Pin D
IP & SMD Evacuated Miniature Crystal Oscillator
EMXO™
Features
• Supply Voltage: 3.3 Vdc or 5 Vdc
• Aging: <1x10-9 /day, <1x10-7 /year (@ 10 MHz)
• Temperature Stability: to ±7.5x10-8 over -20°C to +70°C
• Acceleration Sensitivity: 1 x10-9/g, Total Gamma
• Uses SC Family 3rd Overtone Crystal
• Low Power Consumption: <0.35 watts @ +25°C
• Frequencies: 10 to 80 MHz
for HCMOS or Sinewave outputs
• Fast Warm-up: 1 to 2 minutes
• Patented Technique*
Applications
• SONET/SDH, DWDM, FDM, ATM, 3G
• Telecom Transmission and Switching Equipment
• Wireless Communication Equipment
• Military Airborne and Mobile systems
Description
The model EX-380
Series is a low profile DIP or SMD, Evacuated
Miniature Oven Controlled Crystal Oscillator (EMXO)
,
available in frequencies from 10 MHz to 80 MHz.
The EX-380
Series provides exceptionally low aging rates and high
temperature stabilities in an extremely small package over a
wide range of environmental conditions. The through hole
unit measures only 20.8mm x 13.2mm x 7.6mm (0.82" x
0.52" x 0.30"), @ 10 MHz provides aging rates of <1x10-
9/day average, <1x10-7 for the first year and <1x10-6 for 10
years with temperature stabilities to ±1x10-7 over -40°C to
+85°C. Wider temperature ranges are available from -55°C to
+85°C. This is achieved by the application of new resonator
design concepts and technological breakthroughs. This
series of EMXO's bridges the gap between current large,
high precision OCXO's and smaller TCXO'S. The EX-380
Series becomes the most economical choice where there is
a need for spectral purity, short and long term stability, along
with small size and dramatically reduced power consumption.
Standard supply voltages for the EX-380 series are 3.3 Vdc
and 5Vdc,
with HCMOS
or Sinewave output options. A surface mount
version of this oscillator is available (EX-381/5). Sinewave
output is only available in the surface mount, EX-381, version.
Notes: 1. We acknowledge the support
of the U.S. Army for work on resonators
associated with this product under
contract #1 X66001 - 97-C-8635.
*U.S. Patent 5,917,272.


Similar Part No. - EX-385-DHF-147-A-10.000

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EX-30 PANASONIC-EX-30 Datasheet
1Mb / 6P
   Panasonic Electric Works of America
EX-30 PANASONIC-EX-30 Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
EX-31A PANASONIC-EX-31A Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
EX-31A PANASONIC-EX-31A Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
EX-31A-PN PANASONIC-EX-31A-PN Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
More results

Similar Description - EX-385-DHF-147-A-10.000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
EX-2000-DAE-208 VECTRON-EX-2000-DAE-208 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-4200-DAE-508 VECTRON-EX-4200-DAE-508 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200 Datasheet
843Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-401 VECTRON-EX-401 Datasheet
304Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-4000-DAA-758 VECTRON-EX-4000-DAA-758 Datasheet
511Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200_12 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-420 VECTRON-EX-420_12 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_14 Datasheet
581Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-620 VECTRON-EX-620 Datasheet
320Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_12 Datasheet
580Kb / 5P
   Evacuated Miniature Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com