Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LN252RPX Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN252RPX
Description  Square Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN252RPX Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN252RPX Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
204
Unit: mm
1: Anode
2: Cathode
PD(mW) IF(mA) IFP(mA)VR(V) Topr(°C)
Tstg(°C)
Lighting Color
Red
Green
Amber
70
90
90
25
30
30
150
150
150
4
4
4
−25 ∼ +85 −30 ∼ +100
Square Type
角  形
s 絶対最大定格 Absolute Maximum Ratings (Ta = 25°C)
Conventional Part No.
Global Prat No.
Lighting Color
LN252RPX ················ LNG252RKR ············ Red
LN352GPX ··············· LNG352GKG ··········· Green
LN452YPX ··············· LNG452YKX ··········· Amber
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
−25 ∼ +85 −30 ∼ +100
−25 ∼ +85 −30 ∼ +100
LN252RPX
LN352GPX
LN452YPX
Unit
Red
Green
Amber
Red Diffused
Green Diffused
Amber Diffused
0.6
0.2
15
2.2
2.8
700
100
20
5
4
2.0
0.7
20
2.2
2.8
565
30
20
10
4
1.5
0.5
20
2.2
2.8
590
30
20
10
4
mcd
mcd
mA
V
V
nm
nm
mA
µAV
s 電気的光学的特性 Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Lighting
Color
Lens Color
IO
VF
Typ
Min
Typ
IF
Max
Typ
Typ
IF
Max
VR
λ
P
∆λ
IR
□ 4.0 mm
× 4.0 mm Series
2
− 0.7 Max
2
− 0.45 ± 0.1
2.54
12
4.3
± 0.2
4.0
± 0.2
5.6
± 0.2
5.4
± 0.2
4.2
± 0.2
4.0
± 0.2
0.45
± 0.1
IO Ta
500
300
30
50
100
10
周囲温度 T
a (˚C )
0
−20
80
100
60
40
20
1.6
1.8
2.0
2.4
2.2
3
1
5
10
50
100
30
100
50
30
5
3
10
1
10
5
3
0.5
0.3
1
0.1
順方向電流 I
F
(mA)
指向特性
Directive Characteristics
周囲温度 T
a (°C )
相対発光強度
波長特性
波 長
λ
P (nm)
IF VF
20
°
30
°
40
°
50
°
10
°
0
°
60
°
70
°
80
°
90
°
90
°
80
°
20
°
30
°
40
°
50
°
10
°
60
°
70
°
80
°
20
°
40
°
60
°
0
0
20
20
10
30
40
50
40
60
80
100
100
500
600
700
800
80
60
40
20
0
IF Ta
順方向電圧 V
F (V)
Relative Luminous Intensity
Wavelength Characteristics
Wavelength
Ambient Temperature
IO IF
Forward Current
Forward Voltage
Ambient Temperature
LN252RPX
LN252RPX
LN352GPX
LN352GPX
LN352GPX
LN452YPX
LN452YPX
LN452YPX
LN252RPX
LN252RPX
LN352GPX
LN352GPX
LN452YPX
LN452YPX
LN252RPX
LN252RPX
LN352GPX
LN352GPX
LN452YPX
LN452YPX
LN352GPX
LN452YPX
LN252RPX
LN252RPX
LN252RPX
0
20406080
100
20
40
60
80
100
相対発光強度 (%)
Relative Luminous Intensity


Similar Part No. - LN252RPX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN252RPH PANASONIC-LN252RPH Datasheet
31Kb / 1P
   Square Type
More results

Similar Description - LN252RPX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN249RPX PANASONIC-LN249RPX Datasheet
31Kb / 1P
   Square Type
LN250RPH PANASONIC-LN250RPH Datasheet
31Kb / 1P
   Square Type
LN275RPX PANASONIC-LN275RPX Datasheet
31Kb / 1P
   Square Type
LN281RPX PANASONIC-LN281RPX Datasheet
31Kb / 1P
   Square Type
LN260RCPX PANASONIC-LN260RCPX Datasheet
31Kb / 1P
   Square Type
LN260RPX PANASONIC-LN260RPX Datasheet
31Kb / 1P
   Square Type
LN265RPH PANASONIC-LN265RPH Datasheet
32Kb / 1P
   Square Type
LN273RPH PANASONIC-LN273RPH Datasheet
30Kb / 1P
   Square Type
LN249RPH PANASONIC-LN249RPH Datasheet
32Kb / 1P
   Square Type
LN252RPH PANASONIC-LN252RPH Datasheet
31Kb / 1P
   Square Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com