Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK6512CA Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK6512CA
Description  SPI bus 64Kbit Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6512CA Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK6512CA Datasheet HTML 1Page - Asahi Kasei Microsystems AK6512CA Datasheet HTML 2Page - Asahi Kasei Microsystems AK6512CA Datasheet HTML 3Page - Asahi Kasei Microsystems AK6512CA Datasheet HTML 4Page - Asahi Kasei Microsystems AK6512CA Datasheet HTML 5Page - Asahi Kasei Microsystems AK6512CA Datasheet HTML 6Page - Asahi Kasei Microsystems AK6512CA Datasheet HTML 7Page - Asahi Kasei Microsystems AK6512CA Datasheet HTML 8Page - Asahi Kasei Microsystems AK6512CA Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ASAHI KASEI
[AK6512CA]
DAP03E-00
2005/03
- 5 -
Function Description
AK6512CA has six instructions.
The instruction can be input after the CS pin changes high to low.
All the instructions are MSB first.
Instruction
Op-code
Address
Data
Description
READ
0000 X011
X X X A12-A8
A7-A0
D7-D0 (out)
Read from Memory Array
WRITE
0000 X010
X X X A12-A8
A7-A0
D7-D0 (in)
Write to Memory Array
WREN
0000 X110
------
------
Write Enable
WRDI
0000 X100
------
------
Write Disable
RDSR
0000 X101
Bit7-Bit0 (out)
------
------
Read Status Register
WRSR
0000 X001
Bit7-Bit0 (in)
------
------
Write Status Register
X: don’t care
Table 1. Instruction set for AK6512CA
WREN (WRITE ENABLE) / WRDI (WRITE DISABLE)
The WRITE function can be accepted only in the status of Write Enable. After VCC is applied,
AK6512CA is in the status of Write Disable.
After the function of WRDI, AK6512CA cannot accept
any programming function.
WREN
WRDI
01234567
1
X
0
0
0
00
0
Hi-Z
CS
SCK
SI
SO
X = don’t care
01234567
1
X
0
0
0
01
0
Hi-Z
CS
SCK
SI
SO
X = don’t care


Similar Part No. - AK6512CA

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6512CAL AKM-AK6512CAL Datasheet
64Kb / 2P
   8pin SONW
More results

Similar Description - AK6512CA

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C Datasheet
108Kb / 17P
   SPI bus 32K/64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
   Serial SPI EEPROM (SPI Bus)(64Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LA642CS SANYO-LE25LA642CS Datasheet
369Kb / 14P
   64Kbit Serial SPI EEPROM
logo
Asahi Kasei Microsystem...
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
AK6516C AKM-AK6516C Datasheet
129Kb / 17P
   SPI bus 256Kbit Serial CMOS EEPROM
logo
Rohm
BR25L640-W ROHM-BR25L640-W Datasheet
288Kb / 6P
   SPI BUS 64Kbit (8,192 x 8bit) EEPROM
logo
Asahi Kasei Microsystem...
AK93C85A AKM-AK93C85A Datasheet
156Kb / 13P
   16K / 32K / 64KBIT SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com