Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK6512CA Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK6512CA
Description  SPI bus 64Kbit Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6512CA Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK6512CA Datasheet HTML 4Page - Asahi Kasei Microsystems AK6512CA Datasheet HTML 5Page - Asahi Kasei Microsystems AK6512CA Datasheet HTML 6Page - Asahi Kasei Microsystems AK6512CA Datasheet HTML 7Page - Asahi Kasei Microsystems AK6512CA Datasheet HTML 8Page - Asahi Kasei Microsystems AK6512CA Datasheet HTML 9Page - Asahi Kasei Microsystems AK6512CA Datasheet HTML 10Page - Asahi Kasei Microsystems AK6512CA Datasheet HTML 11Page - Asahi Kasei Microsystems AK6512CA Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ASAHI KASEI
[AK6512CA]
DAP03E-00
2005/03
- 8 -
WRITE (WRITE SEQUENCE)
WRITE instruction can start the WRITE function to the memory cell array.
After CS pin changes high to low, op-code, address and data are input from SI pin.
After the
instruction input, the internal programming cycle starts when CS pin changes low to high.
After the
instructions are inputted, CS pin should change low to high after the last data bit (D0) inputs and
before next SCK clock rises.
Write function can start only at this timing.
AK6512CA can indicate the BUSY status by using RDSR instruction and READ the RDY bit (Bit0) in
the status register.
RDY is "1" indicates AK6512CA is in the programming cycle, and RDY is "0"
indicates AK6512CA is in the READY status.
AK6512CA outputs the "FF" when RDSR instruction
executes during the programming cycle.
Only RDSR instruction can be accepted during
programming cycle.
AK6512CA has Page Write mode, which can write the data within 32 bytes with one programming
cycle.
The input data sent to the shift register within 32 bytes.
If the number of bytes exceeded
32, the address counter rolls over to the first address of the page.
Internal programming cycle starts after CS pin changes low to high.
After WRITE instruction, AK6512CA changes to Write Disable status automatically.
AK6512CA
needs WREN instruction before every WRITE instruction.
When WRITE instruction is done while
AK6512CA is in Write Disable status, WRITE instructions are ignored and AK6512CA becomes
standby status after CS changes to high.
AK6512CA can accept the next instruction after CS
becomes low.
WRITE instruction cannot write the data into the address of the protected block.
WRITE
Hi-Z
32
33
34
35
36
37
38
39
40
0123456789
10
11
12
13
23
22
0
0
0
0
01
0
A0
A1
A10
Hi-Z
CS
SCK
SI
SO
A11
24
25
30
31
D0
D1
D6
D7
Data(n)
CS
SCK
SI
SO
X = don’t care
Data(n+1)
D0
D1
D6
D7
D4
D5
D3
D2
D7
Data(n+31)
D0
D0
D1
D6
D7
D4
D5
D3
D2
A12
X
X
X
X


Similar Part No. - AK6512CA

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6512CAL AKM-AK6512CAL Datasheet
64Kb / 2P
   8pin SONW
More results

Similar Description - AK6512CA

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C Datasheet
108Kb / 17P
   SPI bus 32K/64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
   Serial SPI EEPROM (SPI Bus)(64Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LA642CS SANYO-LE25LA642CS Datasheet
369Kb / 14P
   64Kbit Serial SPI EEPROM
logo
Asahi Kasei Microsystem...
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
AK6516C AKM-AK6516C Datasheet
129Kb / 17P
   SPI bus 256Kbit Serial CMOS EEPROM
logo
Rohm
BR25L640-W ROHM-BR25L640-W Datasheet
288Kb / 6P
   SPI BUS 64Kbit (8,192 x 8bit) EEPROM
logo
Asahi Kasei Microsystem...
AK93C85A AKM-AK93C85A Datasheet
156Kb / 13P
   16K / 32K / 64KBIT SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com