Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK6512CAL Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK6512CAL
Description  SPI bus 64Kbit Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6512CAL Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK6512CAL Datasheet HTML 6Page - Asahi Kasei Microsystems AK6512CAL Datasheet HTML 7Page - Asahi Kasei Microsystems AK6512CAL Datasheet HTML 8Page - Asahi Kasei Microsystems AK6512CAL Datasheet HTML 9Page - Asahi Kasei Microsystems AK6512CAL Datasheet HTML 10Page - Asahi Kasei Microsystems AK6512CAL Datasheet HTML 11Page - Asahi Kasei Microsystems AK6512CAL Datasheet HTML 12Page - Asahi Kasei Microsystems AK6512CAL Datasheet HTML 13Page - Asahi Kasei Microsystems AK6512CAL Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ASAHI KASEI
[AK6512CA]
DAP03E-00
2005/03
- 10 -
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Power Supply
VCC
-0.6
+6.5
V
All Input Voltages
with Respect to Ground
VIO
-0.6
VCC+0.6
V
Ambient Storage Temperature
Tst
-65
+150
°C
Stress above those listed under "Absolute Maximum Ratings" may cause
permanent damage to the device.
This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of the specification is not implied.
Exposure to absolute
maximum conditions for extended periods may affect device reliability.
Recommended Operating Condition
Parameter
Symbol
Min
Max
Unit
Power Supply
VCC
1.8
5.5
V
Ambient Operating Temperature
Ta
-40
+85
°C


Similar Part No. - AK6512CAL

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6512CAL AKM-AK6512CAL Datasheet
64Kb / 2P
   8pin SONW
More results

Similar Description - AK6512CAL

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C Datasheet
108Kb / 17P
   SPI bus 32K/64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
   Serial SPI EEPROM (SPI Bus)(64Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LA642CS SANYO-LE25LA642CS Datasheet
369Kb / 14P
   64Kbit Serial SPI EEPROM
logo
Asahi Kasei Microsystem...
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
AK6516C AKM-AK6516C Datasheet
129Kb / 17P
   SPI bus 256Kbit Serial CMOS EEPROM
logo
Rohm
BR25L640-W ROHM-BR25L640-W Datasheet
288Kb / 6P
   SPI BUS 64Kbit (8,192 x 8bit) EEPROM
logo
Asahi Kasei Microsystem...
AK93C85A AKM-AK93C85A Datasheet
156Kb / 13P
   16K / 32K / 64KBIT SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com