Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK6516C Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK6516C
Description  SPI bus 256Kbit Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6516C Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK6516C Datasheet HTML 3Page - Asahi Kasei Microsystems AK6516C Datasheet HTML 4Page - Asahi Kasei Microsystems AK6516C Datasheet HTML 5Page - Asahi Kasei Microsystems AK6516C Datasheet HTML 6Page - Asahi Kasei Microsystems AK6516C Datasheet HTML 7Page - Asahi Kasei Microsystems AK6516C Datasheet HTML 8Page - Asahi Kasei Microsystems AK6516C Datasheet HTML 9Page - Asahi Kasei Microsystems AK6516C Datasheet HTML 10Page - Asahi Kasei Microsystems AK6516C Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ASAHI KASEI
[AK6516C]
DAP05E-00
2005/03
- 7 -
WRSR (WRITE STATUS REGISTER)
The WRSR instruction can set the Write Protect Block size of the memory array.
AK6516C has 4 Blocks of memory arrays.
Write Protect Block size can be selected from 1/4, 1/2
and whole memory array.
The block, which is set by Write Protect, is Read only.
BP0 bit, BP1 bit, and WPEN bit are programmable with EEPROM memory cell bits.
The
characteristics of those bits (WREN, tE/W, RDSR) are same as the EEPROM memory array.
WP pin function can be set by WPEN (WRITE PROTECT ENABLE) bit which is defined by WRSR
function.
When WP pin is low level and WPEN bit is "1", the WRITE function to Status register,
which has WPEN bit and BP0/BP1 bit, and to Write Disable Block is not performed.
Then WRITE
function is performed only to the Write enable block.
When WP pin is "1" or WPEN bit is "0", then the function of WP pin is disabled and WRITE function
to the Status Register is performed.
WREN function should be done before WRSR function.
And after the Programming function,
AK6516C becomes Write Disable status automatically.
WRSR
WPEN
Bit
WP
Pin
WEN
Bit
Write Protected
Block
Not Protected
Block
Status Register
0
X
0
WRITE Disable
WRITE Disable
WRITE Disable
0
X
1
WRITE Disable
WRITE Enable
WRITE Enable
1
Low
0
WRITE Disable
WRITE Disable
WRITE Disable
1
Low
1
WRITE Disable
WRITE Enable
WRITE Disable
X
High
0
WRITE Disable
WRITE Disable
WRITE Disable
X
High
1
WRITE Disable
WRITE Enable
WRITE Enable
Table 3. WPEN function
Status Register bits
BP1
BP0
Write Protected
Block
0
0
none
0
1
6000h - 7FFFh
1
0
4000h - 7FFFh
1
1
0000h - 7FFFh
Table 4. Write Protected Block Size
Hi-Z
0123456789
10
11
12
13
14
15
0
0
0
0
00
1
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Bit0
CS
SCK
SI
SO
X = don’t care
X


Similar Part No. - AK6516C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6510C AKM-AK6510C Datasheet
108Kb / 17P
   SPI bus 32K/64Kbit Serial CMOS EEPROM
AK6510CL AKM-AK6510CL Datasheet
108Kb / 17P
   SPI bus 32K/64Kbit Serial CMOS EEPROM
AK6510CL AKM-AK6510CL Datasheet
64Kb / 2P
   8pin SONW
AK6510CM AKM-AK6510CM Datasheet
108Kb / 17P
   SPI bus 32K/64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
More results

Similar Description - AK6516C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25LB2562M SANYO-LE25LB2562M_10 Datasheet
254Kb / 14P
   256Kbit Serial SPI EEPROM (SPI Bus)
LE25LB2562M SANYO-LE25LB2562M Datasheet
319Kb / 14P
   256Kbit Serial SPI EEPROM
logo
Asahi Kasei Microsystem...
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6512CA AKM-AK6512CA Datasheet
130Kb / 17P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
logo
STMicroelectronics
M95128 STMICROELECTRONICS-M95128 Datasheet
580Kb / 39P
   256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
October 2004
logo
Asahi Kasei Microsystem...
AK6510C AKM-AK6510C Datasheet
108Kb / 17P
   SPI bus 32K/64Kbit Serial CMOS EEPROM
logo
ON Semiconductor
CAV25256 ONSEMI-CAV25256 Datasheet
180Kb / 13P
   SPI Serial CMOS EEPROM
June, 2013 ??Rev. 0
CAV25010 ONSEMI-CAV25010 Datasheet
152Kb / 12P
   SPI Serial CMOS EEPROM
January, 2012 ??Rev. 0
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com