Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK7746 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK7746
Description  Audio DSP with 5-channel 24-bit ADC and Input Mux
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7746 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK7746 Datasheet HTML 1Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 2Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 3Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 4Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 5Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 6Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 7Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 8Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
[ASAHI KASEI]
[AK7746]
[MS0369-E00]
- 5 -
2004/12
(2) Pin function
Pin No
Pin name
I/O
Function
Classification
1
AINR5
I ADC1 or ADC2 Rch single ended analog input 5
2
AINL5
I ADC1 or ADC2 Lch single ended analog input 5
3
AINR6
I ADC1 or ADC2 Rch single ended analog input 6
4
AINL6
I ADC1 or ADC2 Lch single ended analog input 6
5
AINR7
I ADC1 or ADC2 Rch single ended analog input 7
6
AINL7
I ADC1 or ADC2 Lch single ended analog input 7
7
AINR8
I ADC1 or ADC2 Rch single ended analog input 8
8
AINL8
I ADC1 or ADC2 Lch single ended analog input 8
Analog input
9
BVSS
- Analog ground (Silicon base ground level)
Connect with AVSS pin
Analog Power supply
10
DVSS
- Digital Ground 0.0V
11
DVDD
- Digital power supply 3.3V(typ)
Digital Power supply
12
CS
I
Chip select pin for Microcomputer interface. (Internal pull-down)
Normaly leave OPEN or connect with DVSS.
CS =”H” : SI can not input, SO,RDY,DRDY = Hi-Z.
13
RQ
I
Write request pin for Microcomputer interface.
RQ =”L” : Microcomputer interface enable.
For run-time data read out: RQ =”H”.
When Microcomputer interface is not used or during initial reset, leave
RQ =”H”.
14
SI
I
Serial data input and serial data output control pin for Microcomputer
interface.
When SI is not used, leave SI=”L”.
15
SCLK
I Serial data clock pin for Microcomputer interface.
When SCLK is not used, leave SCLK=”H”.
16
SO
O Serial data output pin for Microcomputer interface.
CS =”H” : SO = Hi-Z.
17
RDY
O Data write ready output pin for Microcomputer interface.
CS =”H” : RDY = Hi-Z.
18
DRDY
O Output data ready pin for Microcomputer interface.
CS =”H” : DRDY = Hi-Z.
Microcomputer
Interface
19
INIT_RESET
I Reset pin ( for initialization )
Used for initialization of the AK7746. When changing CKS1 or CKS0 and
changing XTI input frequency, this pin setting is necessary.
20
S_RESET
I System Reset pin
Reset
21
SDIN4/JX2
I DSP serial data input pin / External condition jump pin
(Internal pull-down )
* Compatible with MSB justified 24 bits / LSB justified 24,20 and 16 bits
* It can change its function as a conditional jump pin JX2 by control register
setting (JX2_E).
Digital section
Serial input data /
Conditional input
22
SDIN3/JX1
I DSP serial data input pin / External condition jump pin
(Internal pull-down )
* Compatible with MSB justified 24 bits / LSB justified 24,20 and 16 bits
* It can change its function as a conditional jump pin JX1 by control register
setting (JX1_E).
Digital section
Serial input data /
Conditional input


Similar Part No. - AK7746

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742EQ AKM-AK7742EQ Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
More results

Similar Description - AK7746

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7734 AKM-AK7734 Datasheet
470Kb / 24P
   Audio DSP with 2-Channel ADC/SRC
logo
Linear Technology
LTC2410 LINER-LTC2410 Datasheet
778Kb / 44P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
   24-Bit No Latency ADC with Differential Input and Differential Reference
logo
Asahi Kasei Microsystem...
AK7712A-VT AKM-AK7712A-VT Datasheet
968Kb / 87P
   Built-in 20-bit ADC/DAC Sophisticated Audio DSP
logo
Nuvoton Technology Corp...
NAU8502 NUVOTON-NAU8502 Datasheet
2Mb / 92P
   24-bit Stereo Audio ADC with Differential Microphone Inputs
NAU8501 NUVOTON-NAU8501 Datasheet
2Mb / 80P
   24-bit Stereo Audio ADC with Differential Microphone Inputs
logo
Cirrus Logic
CS5346 CIRRUS-CS5346 Datasheet
692Kb / 40P
   103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux
logo
Asahi Kasei Microsystem...
AK7782 AKM-AK7782 Datasheet
390Kb / 28P
   Dual Audio DSP with 24bit 5ch ADC & SRC
AK7714 AKM-AK7714 Datasheet
516Kb / 48P
   20-Bit Audio Codec with DSP and Delay RAM
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com