Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTRS6140 Datasheet(PDF) 2 Page - Marktech Corporate

Part # MTRS6140
Description  Photo Reflector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTRS6140 Datasheet(HTML) 2 Page - Marktech Corporate

  MTRS6140 Datasheet HTML 1Page - Marktech Corporate MTRS6140 Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photo Reflector
MTRS6140 Graphs
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - MTRS6140

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTRS6140D MARKTECH-MTRS6140D Datasheet
587Kb / 3P
   Peak Emission Wavelength: 610nm
MTRS6140D MARKTECH-MTRS6140D Datasheet
587Kb / 3P
   Visible Light Photo Reflector
MTRS6140D MARKTECH-MTRS6140D_15 Datasheet
587Kb / 3P
   Visible Light Photo Reflector
MTRS6140T MARKTECH-MTRS6140T Datasheet
50Kb / 2P
   Photo Reflector
More results

Similar Description - MTRS6140

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTRS1060 MARKTECH-MTRS1060 Datasheet
100Kb / 2P
   Photo Reflector
logo
New Japan Radio
NJL5175K NJRC-NJL5175K Datasheet
262Kb / 8P
   PHOTO REFLECTOR?
NJL5181K NJRC-NJL5181K Datasheet
317Kb / 10P
   PHOTO REFLECTOR?
logo
Marktech Corporate
MTRS6140T MARKTECH-MTRS6140T Datasheet
50Kb / 2P
   Photo Reflector
MTRS5750 MARKTECH-MTRS5750 Datasheet
53Kb / 2P
   Photo Reflector
logo
New Japan Radio
NJL5162K NJRC-NJL5162K Datasheet
288Kb / 9P
   PHOTO REFLECTOR?
NJL5172K NJRC-NJL5172K Datasheet
204Kb / 6P
   PHOTO REFLECTOR?
logo
CITIZEN ELECTRONICS CO....
PR-30 CITIZEN-PR-30 Datasheet
456Kb / 1P
   Photo-reflector
logo
Marktech Corporate
MTRS5250 MARKTECH-MTRS5250 Datasheet
52Kb / 2P
   Photo Reflector
MTRS5250T MARKTECH-MTRS5250T Datasheet
55Kb / 2P
   Photo Reflector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com