Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX-381-DHD-107-G-10.000 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # EX-381-DHD-107-G-10.000
Description  4 Pin DIP & SMD Evacuated Miniature Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

EX-381-DHD-107-G-10.000 Datasheet(HTML) 3 Page - Vectron International, Inc

  EX-381-DHD-107-G-10.000 Datasheet HTML 1Page - Vectron International, Inc EX-381-DHD-107-G-10.000 Datasheet HTML 2Page - Vectron International, Inc EX-381-DHD-107-G-10.000 Datasheet HTML 3Page - Vectron International, Inc EX-381-DHD-107-G-10.000 Datasheet HTML 4Page - Vectron International, Inc EX-381-DHD-107-G-10.000 Datasheet HTML 5Page - Vectron International, Inc EX-381-DHD-107-G-10.000 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Vectron International •
267 Lowell Road, Hudson, NH 03051
• Tel: 1-88-VECTRON-1 • Web: www.vectron.com
3
EX-380 Evacuated Miniature Oven Controlled Crystal Oscillator
Performance Characteristics for frequencies in the range 20.5 to 80 MHz
Available Frequencies
20.5 to 80 MHz (See Page 6 for specific Freq's)
Size
See page 4 for outline Drawings and Dimensions
Supply Voltage
(C)
5.0 Vdc ±5%
(D)
3.3 Vdc ±5%
Supply Current (Steady State)
< 70 mA @ +25°C and 5 Vdc
, <90 mA @+25C and 3.3Vdc
<120 mA @ -40°C and 5 Vdc
, <150 mA @-40C and 3.3Vdc
Turn-on current
300 mA maximum @ 5.0 Vdc
, 450 mA maximum @ 3.3V
Output Type
(A)
HCM0S
,
(G or H)
Sinewave into 50 ohms
Level
s
(A)<0.4 Volts, >0.9 Vdd (G) 0 dBm, (H) +3 dBm
Symmetry (at 50% Vdd)
(A)
50/50 ±10%
Rise/Fall Time (10-90%)
(A)
<5 ns
Stability vs. Temperature
D-ST3 = Stratum 3 over -20°C to +70°C
D-107 = ±0.1 ppm
F-507 = ±0.5 ppm over -40°C to +85°C
over -
20°C to +70°C (< 50 MHz)
280 ppm pk-pk over temperature, <40 ppb drift.
Aging
(38.88 MHz Typical)
<3 x 10-9/day average, <3 x 10-7 / year,
<3 x 10-6 /10 years
Short Term Stability (Allan Deviation)
<5 x 10-10, 0.1 seconds to 10 seconds
Phase
Noise (Static Conditions)
Offset
PhaseNoise
10 Hz
-80 dBc/Hz
100 Hz
-110 dBc/Hz
1 kHz
-130 dBc/Hz
10 kHz
-135 dBc/Hz
100 kHz
-140 dBc/Hz
Frequency vs. Supply
<2.5 x 10-9 per percent change
Warm-up (Restabilization)
Standard
Optional (consult factory)
(frequency relative to that 1 hour after turn-on,
< ±1 x 10-6
60 seconds
45 seconds
following 24 hours off time, at +25°C)
< ±1 x 10-7
120 seconds
90 seconds
Electrical Frequency Adjust
A:
>±3 ppm range with 0 to Vdd input voltage
Initial Accuracy for Fixed Frequency
F:
±1.5 ppm @ +25°C
Acceleration Sensitivity
1 x 10-9/g Total Gamma, standard
Parameter
Characteristics
NOTE: Tighter stabilities and wider
temperature ranges are available,
F-147 = ±0.14 ppm over -40°C to +85°C (<50 MHz)
please consult the factor
y.
x-ST3 = Stratum 3 Holdover stability per GR-1244-CORE.


Similar Part No. - EX-381-DHD-107-G-10.000

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EX-30 PANASONIC-EX-30 Datasheet
1Mb / 6P
   Panasonic Electric Works of America
EX-30 PANASONIC-EX-30 Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
EX-31A PANASONIC-EX-31A Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
EX-31A PANASONIC-EX-31A Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
EX-31A-PN PANASONIC-EX-31A-PN Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
More results

Similar Description - EX-381-DHD-107-G-10.000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
EX-2000-DAE-208 VECTRON-EX-2000-DAE-208 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-4200-DAE-508 VECTRON-EX-4200-DAE-508 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200 Datasheet
843Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-401 VECTRON-EX-401 Datasheet
304Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-4000-DAA-758 VECTRON-EX-4000-DAA-758 Datasheet
511Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200_12 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-420 VECTRON-EX-420_12 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_14 Datasheet
581Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-620 VECTRON-EX-620 Datasheet
320Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_12 Datasheet
580Kb / 5P
   Evacuated Miniature Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com