Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTSM7100LB-UO Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTSM7100LB-UO
Description  Marktech 0805 SMT LEDs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTSM7100LB-UO Datasheet(HTML) 1 Page - Marktech Corporate

  MTSM7100LB-UO Datasheet HTML 1Page - Marktech Corporate MTSM7100LB-UO Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Marktech 0805 SMT LEDs
Features
Industry Standard 0805 standard Footprint
Compatible with Automatic Placement Equipment
Long Life Solid State Reliabiltiy
IC Compatible
Note: "AR" Ultrabright Red has reversed polarity
Series Line−Up
Part Number
Color
Material
MTSM7100LB−AR
Ultra Bright Red
GaAlAs
MTSM7100LB−G
Super Green
GaP
MTSM7100LB−UA
Orange
InGaAlP
MTSM7100LB−UBL
Blue
InGaN
MTSM7100LB−UG
Ultra Bright Yellow−Green
InGaAlP
MTSM7100LB−UO
Ultra Bright High Efficency Red
InGaAlP
MTSM7100LB−UR
Ultra Bright Red
InGaAlP
MTSM7100LB−UY
Ultra Bright Yellow
InGaAlP
MTSM7100LB−Y
Ultra Pure Yellow
GaAsP
Maximum Ratings (Ta=25oC)
Part Number
Forward Current IF
Reverse Voltage VR Power Dissipation PD
Operating Temperature
Topr
Storage Temperature
Tstg
MTSM7100LB−AR
30
5
78.00
−30 ~ +80
−40 ~ +85
MTSM7100LB−G
30
5
65.00
−30 ~ +80
−40 ~ +85
MTSM7100LB−UA
30
5
78.00
−30 ~ +80
−40 ~ +85
MTSM7100LB−UBL
20
5
84.00
−30 ~ +80
−40 ~ +85
MTSM7100LB−UG
30
5
78.00
−30 ~ +80
−40 ~ +85
MTSM7100LB−UO
30
5
78.00
−30 ~ +80
−40 ~ +85
MTSM7100LB−UR
30
5
78.00
−30 ~ +80
−40 ~ +85
MTSM7100LB−UY
30
5
78.00
−30 ~ +80
−40 ~ +85
MTSM7100LB−Y
30
5
65.00
−30 ~ +80
−40 ~ +80
Unit
mA
V
mW
o
C
o
C
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - MTSM7100LB-UO

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTSM7302AG-UR MARKTECH-MTSM7302AG-UR Datasheet
33Kb / 1P
   Marktech Gull Wing SMT LEDs
MTSM7302AZ-UR MARKTECH-MTSM7302AZ-UR Datasheet
411Kb / 2P
   Z−Bend SMT LED
MTSM735K-UR MARKTECH-MTSM735K-UR Datasheet
44Kb / 1P
   Marktech 1210 SMT LEDs
MTSM735K-UR-A MARKTECH-MTSM735K-UR-A Datasheet
214Kb / 7P
   3.2 x 2.8mm SMD TYPE
MTSM735KA-UR MARKTECH-MTSM735KA-UR Datasheet
44Kb / 1P
   Marktech 1210 SMT LEDs
More results

Similar Description - MTSM7100LB-UO

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTSM135K-RG MARKTECH-MTSM135K-RG Datasheet
44Kb / 1P
   Marktech 1210 SMT LEDs
MTSM5100LB-UA MARKTECH-MTSM5100LB-UA Datasheet
69Kb / 2P
   Marktech 1206 SMT LEDs
MTSM9100LB-AR MARKTECH-MTSM9100LB-AR Datasheet
64Kb / 2P
   Marktech 0603 SMT LEDs
MTSM2142A-UR MARKTECH-MTSM2142A-UR Datasheet
32Kb / 2P
   Marktech Domed Lens SMT LEDs
MTSM3015-HR MARKTECH-MTSM3015-HR Datasheet
41Kb / 1P
   Marktech SOT??3 SMT LEDs
MTSM3302AG-UY MARKTECH-MTSM3302AG-UY Datasheet
33Kb / 1P
   Marktech Gull Wing SMT LEDs
MTSM635KM-URUG MARKTECH-MTSM635KM-URUG Datasheet
32Kb / 1P
   Marktech 1210 Bi?묬olor SMT LEDs
logo
Chicago Miniature Lamp,...
CMD17-21 CML-CMD17-21 Datasheet
74Kb / 1P
   SMT LEDs 0805 Package Size
logo
Visual Communications C...
CMD17-21 VCC-CMD17-21 Datasheet
626Kb / 1P
   SMT LEDs 0805 Package Size
logo
Marktech Corporate
MT1133-RG MARKTECH-MT1133-RG Datasheet
38Kb / 1P
   Marktech Standard 10mm LEDs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com