Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFZ48S Datasheet(PDF) 2 Page - International Rectifier

Part # IRFZ48S
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ48S Datasheet(HTML) 2 Page - International Rectifier

  IRFZ48S Datasheet HTML 1Page - International Rectifier IRFZ48S Datasheet HTML 2Page - International Rectifier IRFZ48S Datasheet HTML 3Page - International Rectifier IRFZ48S Datasheet HTML 4Page - International Rectifier IRFZ48S Datasheet HTML 5Page - International Rectifier IRFZ48S Datasheet HTML 6Page - International Rectifier IRFZ48S Datasheet HTML 7Page - International Rectifier IRFZ48S Datasheet HTML 8Page - International Rectifier IRFZ48S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRFZ48S/L
‚ VDD = 25V, starting TJ = 25°C, L = 22µH
RG = 25Ω, IAS = 72A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Notes:
** When mounted on 1" square PCB (FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
ƒ ISD ≤ 72A, di/dt ≤ 200A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Uses IRFZ48 data and test conditions
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
2.0
V
TJ = 25°C, IS = 72A, VGS = 0V
„
trr
Reverse Recovery Time
–––
120
180
ns
TJ = 25°C, IF = 72A
Qrr
Reverse Recovery Charge
–––
500
800
nC
di/dt = 100A/µs
„…
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
A
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.06
–––
V/°C
Reference to 25°C, ID =1mA
…
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.018
VGS =10V, ID = 43A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
27
–––
–––
S
VDS = 25V, ID = 43A
…
–––
–––
25
µA
VDS = 60V, VGS = 0V
–––
–––
250
VDS = 48V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
110
ID = 72A
Qgs
Gate-to-Source Charge
–––
–––
29
nC
VDS = 48V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
36
VGS = 10V, See Fig. 6 and 13
„…
td(on)
Turn-On Delay Time
–––
8.1
–––
VDD = 30V
tr
Rise Time
–––
250
–––
ID = 72A
td(off)
Turn-Off Delay Time
–––
210
–––
RG = 9.1
tf
Fall Time
–––
250
–––
RD = 0.34Ω, See Fig. 10
„
Between lead,
–––
–––
and center of die contact
Ciss
Input Capacitance
–––
2400 –––
VGS = 0V
Coss
Output Capacitance
–––
1300 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
190
–––
ƒ = 1.0MHz, See Fig. 5
…
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
ns
IDSS
Drain-to-Source Leakage Current
nH
7.5
LS
Internal Source Inductance
50
†
290
† Calculated continuous current based on maximum allowable
junction temperature; for recommended current-handling of the
package refer to Design Tip # 93-4
S
D
G


Similar Part No. - IRFZ48S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFZ48S VISHAY-IRFZ48S Datasheet
1,000Kb / 8P
   Power MOSFET
Rev. A, 23-Jul-08
IRFZ48S VISHAY-IRFZ48S Datasheet
357Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
logo
Vishay Telefunken
IRFZ48S TFUNK-IRFZ48S Datasheet
364Kb / 9P
   Power MOSFET
logo
ARTSCHIP ELECTRONICS CO...
IRFZ48S ARTSCHIP-IRFZ48S Datasheet
718Kb / 8P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRFZ48S ISC-IRFZ48S Datasheet
373Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IRFZ48S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com