Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8492P Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TA8492P
Description  Three-Phase Full-Wave Brushless DC Motor Driver IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8492P Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA8492P Datasheet HTML 4Page - Toshiba Semiconductor TA8492P Datasheet HTML 5Page - Toshiba Semiconductor TA8492P Datasheet HTML 6Page - Toshiba Semiconductor TA8492P Datasheet HTML 7Page - Toshiba Semiconductor TA8492P Datasheet HTML 8Page - Toshiba Semiconductor TA8492P Datasheet HTML 9Page - Toshiba Semiconductor TA8492P Datasheet HTML 10Page - Toshiba Semiconductor TA8492P Datasheet HTML 11Page - Toshiba Semiconductor TA8492P Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TA8492P/PG
2004-07-27
8
5. IL (L)
• IL (L): Check that the output function is high impedance at 3ST = VCC.
(a-phase, b-phase, c-phase)
6. VH, VSTP, VFW, VRV
• VH:
Input VHa
+, VHb+, VHc+ (6.01 V/5.99 V) and check the output function.
(a-phase, b-phase, c-phase) AT V3ST = GND.
• VSTP: When V3ST is 8.5 V, input VHa
+, VHb+, VHc+ (6.01 V/5.99 V), fix the output function, then check
that the output function is at high impedance.
• VFW: Input VHa
+, VHb+, VHc+ (6.01 V/5.99 V) and check that the output function is forward mode.
AT V3ST = 2.5 V/6.5 V.
VHc
+
VHb
+
15
13
11
12
9
10
Lb
VCC
GND
GND
Hb
+
Hb
Hc
+
1
3
2
4
6
5
8
7
Lc
La
3ST
GND
GND
Ha
Ha
+
Hc
4.7
µF
12 V
VHa
+
16
VS
14
12 V
V
VCC
VHc
+
VHb
+
15
13
11
12
9
10
Lb
VCC
GND
GND
Hb
+
Hb
Hc
+
1
3
2
4
6
5
8
7
Lc
La
3ST
GND
GND
Ha
Ha
+
Hc
4.7
µF
12 V
VHa
+
16
VS
14
12 V
V


Similar Part No. - TA8492P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8492P TOSHIBA-TA8492P Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA8492P/PG TOSHIBA-TA8492P/PG Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA8492PG TOSHIBA-TA8492PG Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA8492P TOSHIBA-TA8492P_06 Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
More results

Similar Description - TA8492P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8492P TOSHIBA-TA8492P_06 Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
logo
Rohm
BD6345FV ROHM-BD6345FV Datasheet
1Mb / 18P
   Three-phase Full-wave DC Brushless Fan Motor Driver
logo
Toshiba Semiconductor
TA8470AF TOSHIBA-TA8470AF_06 Datasheet
386Kb / 16P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8466AF TOSHIBA-TA8466AF Datasheet
273Kb / 8P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8470AF TOSHIBA-TA8470AF Datasheet
382Kb / 13P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
logo
Anpec Electronics Corop...
APX7320 ANPEC-APX7320 Datasheet
347Kb / 22P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322A ANPEC-APX9322A Datasheet
320Kb / 24P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322 ANPEC-APX9322 Datasheet
258Kb / 20P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
logo
Toshiba Semiconductor
TA7745P TOSHIBA-TA7745P_06 Datasheet
385Kb / 11P
   3-Phase Full-Wave (Half-Wave) Brushless DC Motor Driver IC
logo
Hitachi Semiconductor
HA13565F HITACHI-HA13565F Datasheet
62Kb / 17P
   Three-Phase Brushless DC Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com