Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA84005F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TA84005F
Description  Three-Phase Wave Motor Driver IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA84005F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA84005F Datasheet HTML 1Page - Toshiba Semiconductor TA84005F Datasheet HTML 2Page - Toshiba Semiconductor TA84005F Datasheet HTML 3Page - Toshiba Semiconductor TA84005F Datasheet HTML 4Page - Toshiba Semiconductor TA84005F Datasheet HTML 5Page - Toshiba Semiconductor TA84005F Datasheet HTML 6Page - Toshiba Semiconductor TA84005F Datasheet HTML 7Page - Toshiba Semiconductor TA84005F Datasheet HTML 8Page - Toshiba Semiconductor TA84005F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TA84005F/FG
2004-08-10
5
Maximum Ratings (Ta
= 25°C)
Characteristic
Symbol
Rating
Unit
Motor power supply voltage
VM
25
V
Control power supply voltage
VCC
7
V
Output current
IO
1.0
A/phase
Input voltage
VIN
GND
− 0.3
~VCC + 0.3 V
V
1.1 (Note 2)
Power dissipation
Pd
1.4 (Note 3)
W
Operating temperature
Topr
−30~85
°C
Storage temperature
Tstg
−55~150
°C
Note 2: Standalone
Note 3: When mounted on a PCB (50
× 50 × 1.6 mm; Cu area, 30%)
Recommended Operating Conditions (Ta
= −30~85°C)
Characteristic
Symbol
Test
Circuit
Test Conditions
Min
Typ.
Max
Unit
Control power supply voltage
VCC
4.5
5.0
5.5
V
Motor power supply voltage
VM
10
20
22
V
Output current
IO
0.5
A
Input voltage
VIN
GND
VCC
V
Chopping frequency
fchop
15
20
50
kHz
Vz current
IZ
1.0
mA


Similar Part No. - TA84005F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8400 TOSHIBA-TA8400 Datasheet
253Kb / 8P
   DUAL BRIDGE DRIVER
TA84002F TOSHIBA-TA84002F Datasheet
309Kb / 18P
   PWM CHOPPER TYPE 2?뭁HASE BIPOLAR STEPPING MOTOR DRIVER
TA84002F TOSHIBA-TA84002F Datasheet
459Kb / 21P
   PWM CHOPPER-TYPE 2−PHASE BIPOLAR STEPPING MOTOR DRIVER
TA84002FG TOSHIBA-TA84002FG Datasheet
309Kb / 18P
   PWM CHOPPER TYPE 2?뭁HASE BIPOLAR STEPPING MOTOR DRIVER
TA84002F TOSHIBA-TA84002F_06 Datasheet
459Kb / 21P
   PWM CHOPPER-TYPE 2−PHASE BIPOLAR STEPPING MOTOR DRIVER
More results

Similar Description - TA84005F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA84006F TOSHIBA-TA84006F Datasheet
251Kb / 21P
   Three-Phase Wave Motor Driver IC
TA84006F TOSHIBA-TA84006F_06 Datasheet
293Kb / 22P
   Three-Phase Wave Motor Driver IC
TA8492P TOSHIBA-TA8492P Datasheet
178Kb / 13P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA8492P TOSHIBA-TA8492P_06 Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA8483CP TOSHIBA-TA8483CP Datasheet
602Kb / 19P
   THREE-PHASE ALL WAVE DRIVER IC
logo
Rohm
BD67173NUX ROHM-BD67173NUX Datasheet
2Mb / 30P
   Three-Phase Full-Wave Fan Motor Driver
BD6346FV ROHM-BD6346FV Datasheet
1Mb / 25P
   Three-phase Full-wave Fan Motor Driver
BD63282EFV ROHM-BD63282EFV Datasheet
2Mb / 31P
   Three-phase Full-wave Fan Motor Driver
BD6326ANUX ROHM-BD6326ANUX Datasheet
1Mb / 26P
   Three-Phase Full-Wave Fan Motor Driver
BH67172NUX ROHM-BH67172NUX Datasheet
673Kb / 20P
   Three-Phase Full-Wave Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com