Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK9813B Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK9813B
Description  12ch 8bit D/A Converter with EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK9813B Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK9813B Datasheet HTML 1Page - Asahi Kasei Microsystems AK9813B Datasheet HTML 2Page - Asahi Kasei Microsystems AK9813B Datasheet HTML 3Page - Asahi Kasei Microsystems AK9813B Datasheet HTML 4Page - Asahi Kasei Microsystems AK9813B Datasheet HTML 5Page - Asahi Kasei Microsystems AK9813B Datasheet HTML 6Page - Asahi Kasei Microsystems AK9813B Datasheet HTML 7Page - Asahi Kasei Microsystems AK9813B Datasheet HTML 8Page - Asahi Kasei Microsystems AK9813B Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ASAHI KASEI
[AK9813B]
DAD04E-01
2002/11
- 5 -
Data Configuration
AK9813B have a shift register in order to control the chip.
When the SEL pin is "H"(CS I/F), the shift register becomes 16bit configuration and the data on the
DI pin should be loaded with LSB first. When the SEL pin is "L"(LD I/F), the shift register becomes
14bit configuration and the data on the DI pin is loaded with MSB first.
The following description shows the configuration of the shift register.
The data set consist of 2-bits for the control of the internal EEPROM, 2-bits for the address of the
EEPROM (CS I/F only), 4-bits for select of D/A converter and 8-bits for the digital input data of the
8bit D/A converter and total data set is 16bits or 14bits.
Shift register configuration: SEL=High (CS I/F)
MSB
LSB
Last
First
A1
A0
CL
WR
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
EEPROM
ADDRESS
EEPROM
CONTROL
SELECTION FOR
D/A CONVERTER
DIGITAL INPUT DATA
FOR D/A CONVERTER
OUTPUT VOLTAGE FOR D/A CONVERTER
D7 D6 D5 D4 D3 D2 D1 D0
OUTPUT VOLTAGE
FOR D/A
A1
A0
EEPROM ADDRESS
0
0
0
0
0
0
0
0
GND=VSS
0
0
ADDRESS: 0
0
0
0
0
0
0
0
1
VDD/255 x 1
0
1
ADDRESS: 1
0
0
0
0
0
0
1
0
VDD/255 x 2
1
0
ADDRESS: 2
1
1
ADDRESS: 3
1
1
1
1
1
1
1
0
VDD/255 x 254
1
1
1
1
1
1
1
1
VDD
D/A CONVERTER CHANNEL SELECTION
D11 D10
D9
D8
D/A CHANNEL
D11 D10
D9
D8
D/A CHANNEL
0
0
0
0
Don't Care
1
0
0
0
AO8
0
0
0
1
AO1
1
0
0
1
AO9
0
0
1
0
AO2
1
0
1
0
AO10
0
0
1
1
AO3
1
0
1
1
AO11
0
1
0
0
AO4
1
1
0
0
AO12
0
1
0
1
AO5
1
1
0
1
Can't use
0
1
1
0
AO6
1
1
1
0
Can't use
0
1
1
1
AO7
1
1
1
1
Don't Care
(NOTE) Above "Don't Care" state is valid only when AK9813B is in DAC mode or WRITE mode.
Refer to the following section "Instruction Set" about mode.


Similar Part No. - AK9813B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK9813BF ETC1-AK9813BF Datasheet
41Kb / 2P
   24pin VSOP
More results

Similar Description - AK9813B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9813A AKM-AK9813A Datasheet
232Kb / 24P
   12ch 8bit D/A Converter with EEPROM
logo
Rohm
BH2221FV ROHM-BH2221FV Datasheet
80Kb / 6P
   8bit 12ch D/A converter
logo
Mitsubishi Electric Sem...
M62352AGP MITSUBISHI-M62352AGP Datasheet
760Kb / 6P
   8BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Asahi Kasei Microsystem...
AK9844 AKM-AK9844 Datasheet
156Kb / 17P
   4Kbit EEPROM with 4ch 8bit D/A Converter
AK9844A AKM-AK9844A Datasheet
132Kb / 17P
   4Kbit EEPROM with 4ch 8bit D/A Converter
logo
Rohm
BH2223FV ROHM-BH2223FV_10 Datasheet
245Kb / 8P
   Standard 8bit 10ch/12ch D/A Converters
BH2223FV ROHM-BH2223FV_15 Datasheet
1Mb / 19P
   D/A Converters Standard 8bit 10ch/12ch
logo
Asahi Kasei Microsystem...
AK9822 AKM-AK9822 Datasheet
171Kb / 17P
   2K / 4Kbit EEPROM with 2ch 8bit D/A Converter
logo
Mitsubishi Electric Sem...
M62398P MITSUBISHI-M62398P Datasheet
80Kb / 7P
   8BIT 12CH I2C BUS D.A CONVERTER WITH BUFFER AMPLIFIERS
M62352P MITSUBISHI-M62352P Datasheet
55Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com