Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8813 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK8813
Description  NTSC/PAL Digital Video Encoder
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8813 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK8813 Datasheet HTML 1Page - Asahi Kasei Microsystems AK8813 Datasheet HTML 2Page - Asahi Kasei Microsystems AK8813 Datasheet HTML 3Page - Asahi Kasei Microsystems AK8813 Datasheet HTML 4Page - Asahi Kasei Microsystems AK8813 Datasheet HTML 5Page - Asahi Kasei Microsystems AK8813 Datasheet HTML 6Page - Asahi Kasei Microsystems AK8813 Datasheet HTML 7Page - Asahi Kasei Microsystems AK8813 Datasheet HTML 8Page - Asahi Kasei Microsystems AK8813 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
ASAHIKASEI
[AK8813/14]
Rev.00
- 6 -
2004/Oct
PIN/FUNCTION
48pin LQFP
No.
Pin Name
I/O
Description
1
UD9
I/O
Test pin. Open for normal operation
2-5,
8-11
D7 - D0
I
27MHz 8-Bit 4:2:2 multiplexed Y,Cb,Cr Data Input.
For Rec.656 format, AK8813/14 decodes EAV.
For non-Rec.656 format (without EAV), AK8813/14 operates in Master or
Slave mode.
12-13
TEST
I
Test pin. Ground for normal operation
14
SELA
I
The slave address is set with this pin.
“L”:40H “H”:42H
15
SCL
I
Serial interface clock
16
SDA
I/O
Serial interface data
17
PD
I
Power Down Pin. After returning from PD mode to normal operation,
RESET Sequence should be done to AK8813/14.
18
/RESET
I
After this pin becomes “L”, AK8813/14 starts the internal initializing
sequence.
After initializing sequence, AK8813/14 is set NTSC mode, Rec.656
decoding mode. All DACs Off condition.
After power up, AK8813/14 must be initialized with this pin.
(27MHz Clock is necessary for reset sequence.)
20
Y
O
Output of Luminance Signal.
22
C
O
Output of the Chrominance signal
24
COMPOSITE
O
Output of Composite Video signal
27
VREFOUT
O
Output of the Internal Vref. Terminate with 0.1uF or more capacitor.
28
VREFIN
I
Input of the Reference Voltage
29
IREF
O
The currents flow this pin adjusts the full-scale output current of the DAC.
Connect this pin to Analog ground via a 6.8kohm resistor ( better than +/-
1% accuracy ).
32-39
UD0-UD7
I/O
Test pin. Open for normal operation
41
SYSCLK
I
27MHz Clock Input. The polarity could be inverted by SYSINV.
43
UD8
I/O
Test pin. Open for normal operation
45
FID
/VSYNC
I/O
Either of FID or VSYNC selected by the register.
Rec.656 decode mode :Output
Master mode : Output
Slave mode : Input
FID shows that “L” is odd field and ”H” is even field.
46
HSYNC
I/O
Rec.656 decode mode : Output
Master mode : Output
Slave mode : Input
48
SYSINV
I
“L “ : data is latched with rising edge.
“H” : data is latched with falling edge.
21,26
AVDD
P
Analog Power Supply
6,31,
42,44
DVDD
P
Digital Power Supply
19,23,25
AVSS
G
Analog Ground
7,30,
40,47
DVSS
G
Digital Ground


Similar Part No. - AK8813

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8812 AKM-AK8812 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8815 AKM-AK8815 Datasheet
346Kb / 37P
   NTSC/PAL Digital Video Encoder
AK8816VG AKM-AK8816VG Datasheet
346Kb / 37P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - AK8813

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com