Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4537 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AKD4537
Description  Evaluation board Rev.B for AK4537
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4537 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AKD4537 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4537 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4537 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4537 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4537 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4537 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4537 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4537 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4537 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
ASAHI KASEI
[AKD4537]
<KM069501>
2002/11
- 1 -
GENERAL DESCRIPTION
AKD4537 is an evaluation board for the AK4537, 16bit CODEC with built-in MIC/HP/SPK amplifier. The
AKD4537 can evaluate A/D converter and D/A converter separately in addition to loop-back mode (A/D
→ D/A). The AKD4537 also has the digital audio interface and can achieve the interface with digital audio
systems via opt-connector.
n Ordering guide
AKD4537
---
Evaluation board for AK4537
(Cable for connecting with printer port of IBM-AT compatible PC and control
software are packed with this. This control software does not operate on Windows
NT.)
FUNCTION
• DIT/DIR with optical input/output
• BNC connector for an external clock input
• 10pin Header for serial control mode
10pin Header
Control Data
10pin Header
3.3V
GND
HP
BEEP
AK4114
Opt In
Opt Out
AK4537
LOUT/
ROUT
MOUT+
5V
Regulator
MIC
LIN2/
RIN2
DSP
Figure 1. AKD4537 Block Diagram
* Circuit diagram and PCB layout are attached at the end of this manual
Evaluation board Rev.B for AK4537
AKD4537


Similar Part No. - AKD4537

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4537 AKM-AKD4537 Datasheet
556Kb / 76P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
More results

Similar Description - AKD4537

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5351 AKM-AKD5351 Datasheet
1Mb / 21P
   EVALUATION BOARD REV.B FOR AK5351
AKD5353 AKM-AKD5353 Datasheet
214Kb / 17P
   EVALUATION BOARD REV.B FOR AK5353
AKD5392 AKM-AKD5392 Datasheet
1Mb / 18P
   EVALUATION BOARD REV.B FOR AK5392
AKD4520A AKM-AKD4520A Datasheet
2Mb / 36P
   EVALUATION BOARD REV.B FOR AK4520A
AKD4356 AKM-AKD4356 Datasheet
297Kb / 27P
   EVALUATION BOARD REV.B FOR AK4356
AKD4366 AKM-AKD4366 Datasheet
231Kb / 23P
   Evaluation board Rev.B for AK4366
AKD5383VF AKM-AKD5383VF Datasheet
404Kb / 22P
   Evaluation board Rev.B for AK5383VF
AKD4367 AKM-AKD4367 Datasheet
291Kb / 24P
   Evaluation board Rev.B for AK4367
AKD4626 AKM-AKD4626 Datasheet
436Kb / 39P
   Evaluation board Rev.B for AK4626
AKD4586 AKM-AKD4586 Datasheet
471Kb / 46P
   Evaluation board Rev.B for AK4586
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com