Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4555-E Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AKD4555-E
Description  Evaluation board Rev.0 for AK4555
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4555-E Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AKD4555-E Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4555-E Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4555-E Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4555-E Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4555-E Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4555-E Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4555-E Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4555-E Datasheet HTML 14Page - Asahi Kasei Microsystems AKD4555-E Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
ASAHI KASEI
[AKD4555-E]
<KM078200>
2005/03
- 11 -
AKM
AK4554 ADC Linearity
VDD=2.5V, fs=44.1kHz, fin=1kHz
-110
+0
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
F
S
-110
+0
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
dBr
Fig.3 Linearity
AKM
AK4554 ADC Frequency Response
VDD=2.5V, fs=44.1kHz, Input level=-0.5dB
-3
+0
-2.8
-2.6
-2.4
-2.2
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
d
B
F
S
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Fig.4 Frequency Response


Similar Part No. - AKD4555-E

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4555 AKM-AKD4555 Datasheet
192Kb / 17P
   Low Power & Small Package 20bit ?誇 CODEC
More results

Similar Description - AKD4555-E

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4160-A AKM-AKD4160-A Datasheet
715Kb / 37P
   Evaluation board Rev.0 for AK4160
AKD4184A-A AKM-AKD4184A-A Datasheet
712Kb / 25P
   Evaluation Board Rev.0 for AK4184A
AKD4122A-A AKM-AKD4122A-A Datasheet
965Kb / 37P
   Evaluation board Rev.0 for AK4122A
AKD4627-A AKM-AKD4627-A Datasheet
1Mb / 72P
   Evaluation board Rev.0 for AK4627
AKD4691-A AKM-AKD4691-A Datasheet
1Mb / 68P
   Evaluation board Rev.0 for AK4691
AKD4554 AKM-AKD4554 Datasheet
822Kb / 27P
   Evaluation board Rev.0 for AK4554
AKD4642 AKM-AKD4642 Datasheet
926Kb / 34P
   Evaluation board Rev.0 for AK4642
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 11P
   AK4201 Evaluation Board Rev.0
AKD4204-A AKM-AKD4204-A Datasheet
1Mb / 19P
   AK4204 Evaluation Board Rev.0
AK4712EN AKM-AK4712EN Datasheet
1Mb / 32P
   AK4712 Evaluation Board Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com