Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4588 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AKD4588
Description  Evaluation board Rev.C for AK4588
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4588 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AKD4588 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4588 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4588 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4588 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4588 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4588 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4588 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4588 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4588 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
ASAHI KASEI
[AKD4588]
<KM073800>
2004/02
- 8 -
AKD4588 (DIR/DIT) part Control Program operation manual
Set-up of evaluation board and control software
1. Set up the AKD4588 (DIR/DIT) according to previous term.
2. Connect IBM-AT compatible PC with AKD4588 by 10-line type flat cable (packed with AKD4588). Take care of
the direction of 10pin header. (Please install the driver in the floppy-disk when this control software is used on
Windows 2000/XP. Please refer “Installation Manual of Control Software Driver by AKM device control software”.
In case of Windows95/98/ME, this installation is not needed. This control software does not operate on Windows
NT.)
3. Insert the CD-ROM labeled “AK4588 Evaluation Kit” into the CD-ROM drive.
4. Access the CD-ROM drive and double-click the icon of “AKD4588 (DIR/DIT)-1.exe” (address 00H-0FH) to set up
the control program.
5. Then please evaluate according to the follows.
Operation flow
Keep the following flow.
1. Set up the control program according to explanation above.
2. Then set up the dialog and input data.
Explanation of each buttons
1. [Port Setup]:
set up the printer port.
2. [Write default]: initialize the register of AK4588.
3. [All read]:
read all registers.
4. [Read]:
read data from each register.
5. [Write]:
write data to each register.
If you want to write the input data to AK4588, click “OK” button. If not, click “Cancel” button.
Indication of data
Input data is indicated on the register map. Red letter indicates “H” or “1” and blue one indicates “L” or “0”. Blank is the
part that is not defined in the datasheet.


Similar Part No. - AKD4588

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4584 AKM-AKD4584 Datasheet
366Kb / 41P
   Evaluation board Rev.A for AK4584
AKD4584 AKM-AKD4584 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AKD4584 AKM-AKD4584_06 Datasheet
409Kb / 46P
   the 24bit 96kHz CODEC
AKD4586 AKM-AKD4586 Datasheet
471Kb / 46P
   Evaluation board Rev.B for AK4586
AKD4589 AKM-AKD4589 Datasheet
2Mb / 51P
   AK4589 Evaluation Board Rev.2
More results

Similar Description - AKD4588

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4395 AKM-AKD4395 Datasheet
412Kb / 25P
   EVALUATION BOARD REV.C FOR AK4395
AKD4550 AKM-AKD4550 Datasheet
845Kb / 22P
   EVALUATION BOARD REV.C FOR AK4550
AKD4528 AKM-AKD4528 Datasheet
302Kb / 38P
   EVALUATION BOARD FOR AK4528 REV.C
AKD4551 AKM-AKD4551 Datasheet
110Kb / 17P
   EVALUATION BOARD REV.C FOR AK4551
AKD4394 AKM-AKD4394 Datasheet
398Kb / 21P
   EVALUATION BOARD REV.C FOR AK4394
AKD4393 AKM-AKD4393 Datasheet
399Kb / 21P
   EVALUATION BOARD REV.C FOR AK4393
logo
Cirrus Logic
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
   Evaluation Board for CS5345
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
   Evaluation Board for STR72xF
logo
Cirrus Logic
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
   Evaluation Board for CS5364
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
   Evaluation Board for CS3318
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com