Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4589 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AKD4589
Description  AK4589 Evaluation Board Rev.2
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4589 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AKD4589 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4589 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4589 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4589 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4589 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4589 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4589 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4589 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4589 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
ASAHI KASEI
[AKD4589-B]
<KM076201>
2005/07
- 7 -
PORT4
BUCV
1
2
9
10
UOUT
VOUT
VIN
GND
GND
GND
GND
GND
BOUT
COUT
B, U, C, V output and V input
B, U, C, V output and V input is used PORT4 (BUCV).
PORT4 pin order is showed Figure 6.
Figure 6. PORT4 pin order
Analog Inputs
BNC connector J10 (LIN),J9 (RIN) are used for analog inputs on the AKD4589-B. Analog inputs are single-ended
and input ranges of each channels are nominally 6.2Vpp@5V. (Input ranges of each channels of analog inputs of
AK4589 device are nominally 3.1Vpp@5V.But,for the resister division,the value which analog input level of
Evaluation Board is devided by two becomes to analog input level of AK4589 device on the AKD4589-B. So, input
ranges of AKD4589-B becomes to 6.2Vpp@5V,twice of the value in the case of AK4589 device. Input range of
AK4589 device is proportional to VREFH (3.1=0.62 x VREFH). VREFH is connected to AVDD on the
AKD4589-B.)
Analog Input Circuit
AK4589
Signal
22u
33
RIN
Same circuit
3.1Vpp
NJM4580
-
+
Op-amp circuit
32
LIN
6.2Vpp
330
330
Figure 7. Analog Input Circuit
1) Gain
Gain of analog input circuit is
330/(330+330) = -6.02dB.
Therefore input level for this board is
+0.80dBV(=3.1Vpp)+6.02dB
= +6.82dBV = 6.20Vpp = 2.19Vrms.
2) S/N of op-amp circuit (Theory: BW=20k+A)
Non-inverting amp is implemented on board. The output noise level of op-amp circuit is
-126.01dBV = -132.54dB (0dB=+6.53dBV).
S/N of ADC is
101.6dB (measurement).
Therefore total S/N of op-amp circuit and ADC is
101.60dB (measurement: 101.6dB)


Similar Part No. - AKD4589

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4589 AKM-AKD4589 Datasheet
815Kb / 76P
   2/8-Channel Audio CODEC with DIR
AKD4589-B AKM-AKD4589-B Datasheet
2Mb / 51P
   gle chip 24bit CODEC that has two channels of ADC
More results

Similar Description - AKD4589

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4621-B AKM-AKD4621-B Datasheet
985Kb / 50P
   AK4621 Evaluation board Rev.2
AKD4420-SC AKM-AKD4420-SC Datasheet
436Kb / 22P
   AK4420 Evaluation Board Rev.2
AKD4480-SB AKM-AKD4480-SB Datasheet
643Kb / 30P
   AK4480 Evaluation Board Rev.2
AKD4223-A AKM-AKD4223-A Datasheet
1,015Kb / 31P
   AK4223 Evaluation Board Rev.2
AKD4426-SA AKM-AKD4426-SA Datasheet
444Kb / 33P
   AK4426 Evaluation Board Rev.2
AKD4709-A AKM-AKD4709-A Datasheet
1Mb / 28P
   AK4709 Evaluation Board Rev.2
AKD4753-A AKM-AKD4753-A Datasheet
1Mb / 60P
   AK4753 Evaluation Board Rev.2
AK4141EQ AKM-AK4141EQ Datasheet
1Mb / 32P
   Evaluation board Rev.2 for AK4141
AKD4687-A AKM-AKD4687-A Datasheet
1Mb / 52P
   Evaluation board Rev.2 for AK4687
AKD5373-A AKM-AKD5373-A Datasheet
1Mb / 24P
   Evaluation board Rev.2 for AK5373
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com