Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6598FN Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TB6598FN
Description  Dual Full-Bridge Driver for Stepping Motors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6598FN Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TB6598FN Datasheet HTML 1Page - Toshiba Semiconductor TB6598FN Datasheet HTML 2Page - Toshiba Semiconductor TB6598FN Datasheet HTML 3Page - Toshiba Semiconductor TB6598FN Datasheet HTML 4Page - Toshiba Semiconductor TB6598FN Datasheet HTML 5Page - Toshiba Semiconductor TB6598FN Datasheet HTML 6Page - Toshiba Semiconductor TB6598FN Datasheet HTML 7Page - Toshiba Semiconductor TB6598FN Datasheet HTML 8Page - Toshiba Semiconductor TB6598FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TB6598FN/FNG
2005-01-19
2
Block Diagram
Some functional blocks, circuits, or constants may be omitted or simplified in the block diagram for explanatory
purposes.
Pin Functions
Pin Name
Pin No.
Functional Description
Remarks
AO2
1
Output 2 (Ch. A)
Ch. A motor winding connection pin
RFA
2
Winding current detection pin
(Ch. A)
AO1
3
Output 1 (Ch. A)
Ch. A motor winding connection pin
Vref
4
Internal reference voltage
+0.6 V (typ.)
GND
5
Ground pin
VCC
6
Small-signal power supply pin
VCC (ope) = 2.7 V to 5.5 V
Vlim
7
Winding current setting pin
Icoil (A)
= Vlimit (V)/external RF (Ω)
EN1
8
Enable input 1
EN2
9
Enable input 2
IN1
10
Control input 1
IN2
11
Control input 2
OSC
12
Internal oscillation frequency
setting pin
Connect an oscillator capacitor externally
VM
13
Motor power supply pin
VM (ope) = 4.5 V to 13.5 V
BO2
14
Output 2 (Ch. B)
Ch. B motor winding connection pin
RFB
15
Winding current detection pin
(Ch. B)
BO1
16
Output 1 (Ch. B)
Ch. B motor winding connection pin
VM
AO1
AO2
RFA
BO1
BO2
RFB
EN1 8
9
10
11
EN2
IN1
IN2
Control
Logic
12
OSC
OSC
7
Vlim
Timing
Logic
5
6
GND
VCC
Pre-Drive
H-Bridge
B
13
3
1
2
Timing
Logic
Pre-Drive
H-Bridge
B
TSD
16
14
15
4
Vref
Vref
0.6 V
Band
Gap


Similar Part No. - TB6598FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6598FN TOSHIBA-TB6598FN Datasheet
323Kb / 18P
   Dual Full-Bridge Driver for Stepping Motors
TB6598FNG TOSHIBA-TB6598FNG Datasheet
323Kb / 18P
   Dual Full-Bridge Driver for Stepping Motors
TB6598FN TOSHIBA-TB6598FN_06 Datasheet
323Kb / 18P
   Dual Full-Bridge Driver for Stepping Motors
More results

Similar Description - TB6598FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6598FN TOSHIBA-TB6598FN_06 Datasheet
323Kb / 18P
   Dual Full-Bridge Driver for Stepping Motors
TB6562ANG TOSHIBA-TB6562ANG Datasheet
254Kb / 16P
   Dual Full-Bridge Driver IC for Stepping Motors
TB6562ANG TOSHIBA-TB6562ANG_07 Datasheet
283Kb / 19P
   Dual Full-Bridge Driver IC for Stepping Motors
TB6549F TOSHIBA-TB6549F_07 Datasheet
307Kb / 22P
   Full-Bridge Driver IC for DC Motors
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
TB6552FN TOSHIBA-TB6552FN_07 Datasheet
238Kb / 14P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TB6552FN TOSHIBA-TB6552FN Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TC78H600FNG TOSHIBA-TC78H600FNG Datasheet
482Kb / 23P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
2012-09-05
logo
STMicroelectronics
L6506 STMICROELECTRONICS-L6506 Datasheet
76Kb / 8P
   CURRENTCONTROLLER FOR STEPPING MOTORS
June 1997
logo
Copal Electronics
SPS10 COPAL-SPS10 Datasheet
117Kb / 4P
   STEPPING MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com