Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LN276RCPX Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN276RCPX
Description  Round Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN276RCPX Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN276RCPX Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
152
Unit: mm
1: Anode
2: Cathode
PD(mW) IF(mA) IFP(mA)VR(V) Topr(°C)
Tstg(°C)
Lighting Color
Red
Green
Amber
Orange
70
90
90
90
25
30
30
30
150
150
150
150
4
4
4
3
−25 ∼ +85 −30 ∼ +100
Round Type
φ 3.2 mm Series
s Absolute Maximum Ratings (T
a = 25°C)
Conventional Part No.
Global Prat No.
Lighting Color
LN276RCPX ············· LNG276LKR ············ Red
LN376GCPX ············· LNG376MKG ··········· Green
LN476YCPX ············· LNG476NKX ··········· Amber
LN876RCPX ············· LNG876LKD ············ Orange
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
−25 ∼ +85 −30 ∼ +100
−25 ∼ +85 −30 ∼ +100
−25 ∼ +85 −30 ∼ +100
LN276RCPX
LN376GCPX
LN476YCPX
LN876RCPX
Unit
Red
Green
Amber
Orange
Red Clear
Green Clear
Amber Clear
Red Clear
1.5
0.6
15
2.2
2.8
700
100
20
5
4
15.0
6.0
20
2.2
2.8
565
30
20
10
4
7.0
2.5
20
2.2
2.8
590
30
20
10
4
10.0
4.0
20
2.1
2.8
630
40
20
10
3
mcd
mcd
mA
V
V
nm
nm
mA
µAV
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Lighting
Color
Lens Color
IO
VF
Typ
Min
Typ
IF
Max
Typ
Typ
IF
Max
VR
λ
P
∆λ
IR
φ 3.2 ± 0.2
0.45
± 0.1
φ 4.0 ± 0.2
φ 4.0 ± 0.2
2
− 0.7 Max
2
− 0.45 ± 0.1
12
2.54
IO Ta
500
300
30
50
100
10
Ambient Temperature
0
−20
80
100
60
40
20
1.6
1.8
2.0
2.4
2.2
3
1
5
10
50
100
30
100
50
30
5
3
10
1
100
50
30
5
3
10
1
Forward Current
Directive Characteristics
Ambient Temperature
Wavelength
IF VF
20
°
30
°
40
°
50
°
10
°
0
°
60
°
70
°
80
°
90
°
90
°
80
°
20
°
30
°
40
°
50
°
10
°
60
°
70
°
80
°
20
°
40
°
60
°
0
20
20
10
0
30
40
50
40
60
80
100
100
500
600
700
800
80
60
40
20
0
IF Ta
Forward Voltage
Relative Luminous Intensity
Wavelength Characteristics
IO IF
LN276R
CPX
LN276R
CPX
LN376GCPX
LN876RCPX
LN376GCPX
LN876RCPX
LN476YCPX
LN476YCPX
LN476YCPX
LN276RCPX
LN276RCPX
LN376GCPX
LN376GCPX
LN376GCPX
LN476YCPX
LN476YCPX
LN476YCPX
LN276R CPX
LN276R CPX
LN276R CPX
LN876RCPX
LN876RCPX
LN876RCPX
LN376GCPX
LN376GCPX
LN476YCPX
LN476YCPX
LN876RCPX
LN876RCPX
LN376GCPX
LN476YCPX
LN876RCPX
LN276RCPX
LN276RCPX
0
20406080
100
20
40
60
80
100
Relative Luminous Intensity


Similar Part No. - LN276RCPX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN276RPX PANASONIC-LN276RPX Datasheet
32Kb / 1P
   Round Type
More results

Similar Description - LN276RCPX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN277RPX PANASONIC-LN277RPX Datasheet
31Kb / 1P
   Round Type
logo
Roithner LaserTechnik G...
B5B-940-8 ROITHNER-B5B-940-8 Datasheet
95Kb / 3P
   round type
logo
Panasonic Semiconductor
LN264CP PANASONIC-LN264CP Datasheet
32Kb / 1P
   Round Type
LN276RPX PANASONIC-LN276RPX Datasheet
32Kb / 1P
   Round Type
logo
Roithner LaserTechnik G...
B5B-850-8 ROITHNER-B5B-850-8 Datasheet
95Kb / 3P
   round type
logo
Panasonic Semiconductor
LN277RCPX PANASONIC-LN277RCPX Datasheet
30Kb / 1P
   Round Type
LN31GPH PANASONIC-LN31GPH Datasheet
30Kb / 1P
   Round Type
LN41YPH PANASONIC-LN41YPH Datasheet
31Kb / 1P
   Round Type
LN28RPX PANASONIC-LN28RPX Datasheet
30Kb / 1P
   Round Type
LN29RTX PANASONIC-LN29RTX Datasheet
31Kb / 1P
   Round Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com