Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4632 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AKD4632
Description  AK4632 Evaluation board Rev.0
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4632 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AKD4632 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4632 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4632 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4632 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4632 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4632 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4632 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4632 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4632 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
ASAHI KASEI
[AKD4632-A]
<KM075602>
2005/04
- 9 -
DIP Switch set up
[SW3] (MODE) : Mode Setting of AK4632 and AK4114
ON is “H”, OFF is “L”.
No.
Name
ON (“H”)
OFF (“L”)
1
DIF0
2
DIF1
3
CM2
AK4114 Audio Format Setting
See Table 2
4
CM0
5
CM1
Clock Operation Mode select
See Table 3
6
OCKS0
7
OCKS1
Master Clock Frequency Select
See Table 4
8
M/S
Master mode
Slave mode
Note. When the AK4632 is evaluated Master mode, “No.8 of SW3” is set to “H”.
Table 1. Mode Setting for AK4632 and AK4114
Register setting
for AK4632 Audio
Interface Format
Setting for AK4114 Audio Interface Format
DIF1 bit
DIF0 bit
DIF0
DIF1
DIF2
DAUX
SDTO
0
1
L
L
L
24bit, Left justified
16bit, Right justified
1
0
L
L
H
24bit, Left justified
24bit, Left justified
Default
1
1
H
L
H
24bit, I
2S
24bit, I
2S
Note. When the AK4632 is evaluated by using DIR/DIT of AK4114, “No.8 of SW3” is set to “L”.
Table 2. Setting for AK4114 Audio Interface Format
Mode
CM1
CM0
UNLOCK
PLL
X'tal
Clock source
SDTO
0
0
0
-
ON
ON(Note)
PLL
RX
1
0
1
-
OFF
ON
X'tal
DAUX
0
ON
ON
PLL
RX
2
1
0
1
ON
ON
X'tal
DAUX
Default
3
1
1
-
ON
ON
X'tal
DAUX
ON: Oscillation (Power-up), OFF: STOP (Power-down)
Note : When the X’tal is not used as clock comparison for fs detection (i.e. XTL1,0= “1,1”), the X’tal is off.
Table 3. Clock Operation Mode select
No.
OCKS1
MCKO1
MCKO2
X’tal
0
0
256fs
256fs
256fs
2
1
512fs
256fs
512fs
Default
Table 4. Master Clock Frequency Select (Stereo mode)


Similar Part No. - AKD4632

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4632 AKM-AKD4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
More results

Similar Description - AKD4632

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 11P
   AK4201 Evaluation Board Rev.0
AKD4204-A AKM-AKD4204-A Datasheet
1Mb / 19P
   AK4204 Evaluation Board Rev.0
AK4712EN AKM-AK4712EN Datasheet
1Mb / 32P
   AK4712 Evaluation Board Rev.0
AKD4425A-SA AKM-AKD4425A-SA Datasheet
557Kb / 32P
   AK4425A Evaluation Board Rev.0
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
AKD4125 AKM-AKD4125 Datasheet
202Kb / 20P
   AK4125 Evaluation Board Rev.0
AKD5385B AKM-AKD5385B Datasheet
305Kb / 27P
   AK5385B Evaluation Board Rev.0
AKD5367A-A AKM-AKD5367A-A Datasheet
1Mb / 38P
   AK5367A Evaluation Board Rev.0
AKD4118A-A AKM-AKD4118A-A Datasheet
557Kb / 23P
   AK4118A Evaluation Board Rev.0
AKD7782-A AKM-AKD7782-A Datasheet
2Mb / 73P
   AK7782 Evaluation Board Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com