Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD5355 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AKD5355
Description  Evaluation board Rev.A for AK5355
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5355 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AKD5355 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD5355 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD5355 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5355 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5355 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5355 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5355 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD5355 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD5355 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ASAHI KASEI
[AKD5355]
<KM066402>
’02/04
- 7 -
AKM
AK5355 Linearity (fin=1kHz, Gain=0dB)
last.a t2c
-140
+0
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
F
S
-140
+0
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
dBr
Figure 3. Linearity
AKM
AK5355 Frequency Response (Input Level-0.5dB, Gain=0dB)
last.a t2c
-2
+0
-1.9
-1.8
-1.7
-1.6
-1.5
-1.4
-1.3
-1.2
-1.1
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
d
B
F
S
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Figure 4. Frequency Response


Similar Part No. - AKD5355

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5355 AKM-AKD5355 Datasheet
161Kb / 20P
   Low Power 16bit ?誇 ADC
AKD5355 AKM-AKD5355 Datasheet
167Kb / 20P
   Low Power 16bit ?誇 ADC
AKD5355 AKM-AKD5355_06 Datasheet
223Kb / 19P
   portable digital audio 16bit A/D converter
More results

Similar Description - AKD5355

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4523 AKM-AKD4523 Datasheet
1Mb / 30P
   EVALUATION BOARD REV.A FOR AK4523
AKD5393 AKM-AKD5393 Datasheet
602Kb / 22P
   EVALUATION BOARD REV.A FOR AK5393
AKD4309B AKM-AKD4309B Datasheet
1Mb / 15P
   EVALUATION BOARD REV.A FOR AK4309B
AKD4363 AKM-AKD4363 Datasheet
340Kb / 30P
   EVALUATION BOARD REV.A FOR AK4363
AKD4569 AKM-AKD4569 Datasheet
311Kb / 27P
   Evaluation board Rev.A for AK4569
AKD4584 AKM-AKD4584 Datasheet
366Kb / 41P
   Evaluation board Rev.A for AK4584
AKD5365 AKM-AKD5365 Datasheet
270Kb / 27P
   Evaluation board Rev.A for AK5365
AKD4380 AKM-AKD4380 Datasheet
220Kb / 21P
   EVALUATION BOARD REV.A FOR AK4380
AKD4524 AKM-AKD4524 Datasheet
746Kb / 28P
   EVALUATION BOARD REV.A FOR AK4524
AKD4353 AKM-AKD4353 Datasheet
260Kb / 25P
   EVALUATION BOARD REV.A FOR AK4353
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com