Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62706BNG Datasheet(PDF) 6 Page - Marktech Corporate

Part # TB62706BNG
Description  16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62706BNG Datasheet(HTML) 6 Page - Marktech Corporate

Back Button TB62706BNG Datasheet HTML 2Page - Marktech Corporate TB62706BNG Datasheet HTML 3Page - Marktech Corporate TB62706BNG Datasheet HTML 4Page - Marktech Corporate TB62706BNG Datasheet HTML 5Page - Marktech Corporate TB62706BNG Datasheet HTML 6Page - Marktech Corporate TB62706BNG Datasheet HTML 7Page - Marktech Corporate TB62706BNG Datasheet HTML 8Page - Marktech Corporate TB62706BNG Datasheet HTML 9Page - Marktech Corporate TB62706BNG Datasheet HTML 10Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TB62706BNG/BFG
2004-06-24
6
SWITCHING CHARACTERISTICS (Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
TEST
CIR-
CUIT
CONDITION
MIN
TYP
MAX
UNIT
CLK- OUTn
1200
1500
LATCH - OUTn
1200
1500
ENABLE - OUTn
1200
1500
Propagation
Delay Time
(“L” to “H”)
CLK- SOUT
tpLH
15
30
70
ns
CLK- OUTn
700
1000
LATCH - OUTn
700
1000
ENABLE - OUTn
700
1000
Propagation
Delay Time
(“H” to “L”)
CLK- SOUT
tpHL
15
30
70
ns
CLK
tw CLK
20
30
ns
Pulse Width
LATCH
tw LAT
10
25
ns
L-H
tsetup (L)
25
50
ns
Set- up Time
H-L
tsetup (C)
25
50
ns
L-H
thold (L)
0
15
ns
Hold Time
H-L
thold (C)
0
15
ns
Maximum CLOCK Rise Time
tr
10
µs
Maximum CLOCK Fall Time
tf
10
µs
Output Rise Time
tor
150
300
600
ns
Output Fall Time
tof
VDD = 5.0 V
VCE = 0.4 V
VIH = VDD
VIL = GND
REXT = 470 Ω
VL = 3.0 V
RL = 65 Ω
CL = 10.5 pF
150
300
600
ns


Similar Part No. - TB62706BNG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62706BNG MARKTECH-TB62706BNG Datasheet
1Mb / 15P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62706BNG MARKTECH-TB62706BNG_09 Datasheet
1Mb / 15P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
More results

Similar Description - TB62706BNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62706BN TOSHIBA-TB62706BN Datasheet
467Kb / 13P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62706BN TOSHIBA-TB62706BN_06 Datasheet
479Kb / 16P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Marktech Corporate
TB62706BNG MARKTECH-TB62706BNG_09 Datasheet
1Mb / 15P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62701AN MARKTECH-TB62701AN Datasheet
353Kb / 10P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
TB62701ANG MARKTECH-TB62701ANG Datasheet
604Kb / 15P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
logo
Toshiba Semiconductor
TB62701N TOSHIBA-TB62701N Datasheet
372Kb / 11P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
TB62705CP TOSHIBA-TB62705CP Datasheet
494Kb / 14P
   8BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62705CP TOSHIBA-TB62705CP_06 Datasheet
621Kb / 17P
   8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
TB62710P TOSHIBA-TB62710P Datasheet
401Kb / 10P
   8BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT SOURCE DRIVERS
TB62705CPG TOSHIBA-TB62705CPG_09 Datasheet
1Mb / 16P
   8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com