Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62709NG Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TB62709NG
Description  7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62709NG Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TB62709NG Datasheet HTML 3Page - Toshiba Semiconductor TB62709NG Datasheet HTML 4Page - Toshiba Semiconductor TB62709NG Datasheet HTML 5Page - Toshiba Semiconductor TB62709NG Datasheet HTML 6Page - Toshiba Semiconductor TB62709NG Datasheet HTML 7Page - Toshiba Semiconductor TB62709NG Datasheet HTML 8Page - Toshiba Semiconductor TB62709NG Datasheet HTML 9Page - Toshiba Semiconductor TB62709NG Datasheet HTML 10Page - Toshiba Semiconductor TB62709NG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TB62709NG/FG
2005-10-06
7
Load Register Selection modes (Table 2)
These modes select the register to provide the data to control the IC operation. The Load Register selection
mode is determined by the settings of D15 to D12 and D11 to D8 of the shift register.
1. Duty Register
: The data in D7 to D0 of this register set the digit output duty cycle.
Duty settings can be made in 16 steps from 0 / 16 to 15 / 16.
(See Table 3)
2. Decode & Digit Register : Sets Decode / No Decode and the number of digits to drive. Decode can be set
using D7 to D4.
The number of digits driven can be set using D3 to D0. Decode / No Decode and
the number of digits driven are set simultaneously.
3. Data registers 0 to 3
: Set the display data corresponding to DIG0 to DIG3 respectively.
D7 to D0 of the shift register are used to set the display data.
Table 2 Load register selection
REGISTER DATA
D15~D12
D11
D10
D9
D8
D7~D4
D3~D0
HEX
CODE
LOAD DUTY REGISTER
2H
0
0
0
0
X
X
20XXH
LOAD DECODE & DIGIT REGISTER
2H
0
0
0
1
X
X
21XXH
LOAD DATA REGISTER 0
2H
0
0
1
0
X
X
22XXH
LOAD DATA REGISTER 1
2H
0
0
1
1
X
X
23XXH
LOAD DATA REGISTER 2
2H
0
1
0
0
X
X
24XXH
LOAD DATA REGISTER 3
2H
0
1
0
1
X
X
25XXH
X = Input H or L.


Similar Part No. - TB62709NG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62709NG TOSHIBA-TB62709NG Datasheet
572Kb / 29P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709NG TOSHIBA-TB62709NG_06 Datasheet
572Kb / 29P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
More results

Similar Description - TB62709NG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62709N TOSHIBA-TB62709N_06 Datasheet
573Kb / 28P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709NG TOSHIBA-TB62709NG_06 Datasheet
572Kb / 29P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62785NG TOSHIBA-TB62785NG Datasheet
996Kb / 30P
   7-SEGMENT DRIVERS WITH BUILT-IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4-DIGIT CONTROL)
TB62709N TOSHIBA-TB62709N Datasheet
987Kb / 24P
   7-SEGMENT DRIVERS WITH BUILT-IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4-DIGIT CONTROL)
TD62C851PG TOSHIBA-TD62C851PG Datasheet
573Kb / 13P
   8BIT SERIAL−IN PARALLEL−OUT SHIFT REGISTER / LATCH DRIVERS
TB62702P TOSHIBA-TB62702P_06 Datasheet
309Kb / 11P
   10BIT SERIAL−IN PARALLEL−OUT SHIFT REGISTER / LATCH / 10SEGMENT LED DRIVERS
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
   8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
logo
Marktech Corporate
MTE2050S-OH1 MARKTECH-MTE2050S-OH1 Datasheet
57Kb / 2P
   MTE2050S−OH1
logo
List of Unclassifed Man...
DILM7 ETC2-DILM7 Datasheet
140Kb / 2P
   RC−suppressor
logo
Toshiba Semiconductor
TD62930P TOSHIBA-TD62930P_06 Datasheet
343Kb / 12P
   THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com